Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H523CCU6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32H523CCU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CCU6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32H523CCU6 Datasheet HTML 101Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 102Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 103Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 104Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 105Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 106Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 107Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 108Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 228 page
background image
DS14540 Rev 1
105/228
STM32H523xx
Electrical characteristics
197
Table 27. Typical and maximum current consumption in Run mode, code with data processing
running from flash memory, 1-way instruction cache ON, PREFETCH ON
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
130°C
IDD(Run)
Supply current
in Run mode
All peripherals
disabled
VOS0
250
27.6
30
51
64
-
mA
200
22.1
24
43
55
-
VOS1
200
19.1
21
36
46
64
180
17.7
19
34
43
58
150
14.6
16
29
38
54
VOS2
150
13.4
15
26
33
47
100
9.3
10
20
27
40
VOS3
100
8.5
9
17
23
35
25
2.8
4
9
14
25
1. Evaluated by characterization - Not tested in production.
Table 28. Typical and maximum current consumption in Run mode, code with data processing
running from SRAM with cache 1-way
Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Max(1)
Unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
130°C
IDD
(Run)
Supply current
in Run mode
All peripherals
disabled
VOS0
250
26.8
29
50
63
-
mA
215
23.6
25
45
57
-
200
21.4
23
42
54
-
VOS1
200
18.6
20
35
45
60
180
17.1
19
33
52
58
150
14.1
15
28
37
53
VOS2
150
13.0
14
25
33
46
100
9.1
10
19
26
40
VOS3
100
8.3
9
17
23
34
60
5.4
6
13
18
29
25
2.83
9
1425
1. Evaluated by characterization - Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com