Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H523CCU6 Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32H523CCU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CCU6 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32H523CCU6 Datasheet HTML 109Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 110Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 111Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 112Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 113Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 114Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 115Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 116Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 228 page
background image
DS14540 Rev 1
113/228
STM32H523xx
Electrical characteristics
197
Wake-up time from low-power modes
The times given in Table 37 are measured starting from the wake-up event trigger up to the
first instruction executed by the CPU:
•
for Stop or Sleep modes: the wake-up event is WFE.
•
WKUP (PA1) pin is used to wake-up from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD = 3.0 V.
APB2
SPI1/I2S1
1.01
0.89
0.81
0.74
μA/MHz
SPI4
1.06
0.94
0.86
0.77
TIM1
4.64
4.09
3.75
3.42
TIM15
2.41
2.14
1.96
1.78
TIM8
4.55
4
3.69
3.34
USART1
1.30
1.15
1.05
0.94
USBFS
2.48
2.17
1.99
1.78
APB2
0.68
0.59
0.53
0.51
APB3
LPTIM1
0.93
0.82
0.73
0.65
uA/MHz
LPUART1
0.86
0.77
0.68
0.61
RTCAPB
2.11
1.85
1.69
1.51
SBS
0.45
0.38
0.35
0.32
VREFBUF
0.09
0.09
0.05
0.04
I3C2
2.55
2.25
2.03
1.84
APB3
0.52
0.46
0.42
0.39
Table 36. Peripheral current consumption in Sleep mode (continued)
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3
Table 37. Low-power mode wake-up timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wake-up time from
Sleep mode
Instruction cache enabled
15
16
CPU
clock
cycles
Instruction cache disabled
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com