Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0830008 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830008
Description  US-WMTB (24X5) VT CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830008 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830008 Datasheet HTML 1Page - PHOENIX CONTACT 0830008 Datasheet HTML 2Page - PHOENIX CONTACT 0830008 Datasheet HTML 3Page - PHOENIX CONTACT 0830008 Datasheet HTML 4Page - PHOENIX CONTACT 0830008 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Card, can be ordered: by card, violet, labeled according to customer
specifications, mounting type: Assembly with cable ties, cable diameter: > 13 mm, Number of
individual labels: 35, text field height: 5 mm, text field width: 24 mm
Your advantages
US-WMTB... conductor markers can also be supplied labeled according to customer requirements
•
Commercial data
Item number
0830008
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8139
GTIN
4046356613477
Weight per piece (including packing)
12.31 g
Weight per piece (excluding packing)
12.31 g
Country of origin
PL
US-WMTB (24X5) VT CUS - Cable marker
0830008
https://www.phoenixcontact.com/us/products/0830008
Jul 15, 2025, 1:17AM
Page 1 (5)


Similar Part No. - 0830008

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830004 PHOENIX-0830004 Datasheet
183Kb / 5P
US-WMTB (24X5) CUS - Cable marker
0830005 PHOENIX-0830005 Datasheet
191Kb / 5P
US-WMTB (24X5) RD CUS - Cable marker
0830006 PHOENIX-0830006 Datasheet
188Kb / 5P
US-WMTB (24X5) OG CUS - Cable marker
0830007 PHOENIX-0830007 Datasheet
188Kb / 5P
US-WMTB (24X5) YE CUS - Cable marker
0830009 PHOENIX-0830009 Datasheet
189Kb / 5P
US-WMTB (24X5) BU CUS - Cable marker
More results

Similar Description - 0830008

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824586 PHOENIX-0824586 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 VT CUS
0824974 PHOENIX-0824974 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/VT CUS
0820426 PHOENIX-0820426 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (24X5)
09/11/2020
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824659 PHOENIX-0824659 Datasheet
71Kb / 4P
Marker for terminal blocks - UC-TMF 8 VT CUS
09/12/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com