Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0830008 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830008
Description  US-WMTB (24X5) VT CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830008 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830008 Datasheet HTML 1Page - PHOENIX CONTACT 0830008 Datasheet HTML 2Page - PHOENIX CONTACT 0830008 Datasheet HTML 3Page - PHOENIX CONTACT 0830008 Datasheet HTML 4Page - PHOENIX CONTACT 0830008 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled conductor marker
Type
Card form
Marking
Number of individual labels
35
Number of individual labels per row
7
Identification technology
Thermal transfer for sheets and cards
Mounting
Mounting type
Assembly with cable ties
Material specifications
Color
violet (RAL 4005)
Material
PVC
Flammability rating according to UL 94
V0
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in
the original packaging is recommended.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Dimensions
Width
14 mm
Length
24 mm
External dimensions
Outside diameter
> 13 mm ... 136 mm
Text field
Text field width
24 mm
US-WMTB (24X5) VT CUS - Cable marker
0830008
https://www.phoenixcontact.com/us/products/0830008
Jul 15, 2025, 1:17AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com