Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA170 Datasheet(PDF) 3 Page - Pico Technology Ltd.

Part # TA170
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA170 Datasheet(HTML) 3 Page - Pico Technology Ltd.

  TA170 Datasheet HTML 1Page - Pico Technology Ltd. TA170 Datasheet HTML 2Page - Pico Technology Ltd. TA170 Datasheet HTML 3Page - Pico Technology Ltd. TA170 Datasheet HTML 4Page - Pico Technology Ltd. TA170 Datasheet HTML 5Page - Pico Technology Ltd. TA170 Datasheet HTML 6Page - Pico Technology Ltd. TA170 Datasheet HTML 7Page - Pico Technology Ltd. TA170 Datasheet HTML 8Page - Pico Technology Ltd. TA170 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Quad RX four-receiver architecture
In a VNA a swept sine-wave signal source is used to sequentially stimulate the ports
of the interconnect or device under test. The amplitude and phase of the resultant
transmitted and reflected signals appearing at both VNA ports are then received
and measured. To wholly characterize a 2-port device under test (DUT), six pairs of
measurements need to be made: the amplitude and phase of the signal that was emitted
from both ports, and the amplitude and phase of the signal that was received at both
ports for each source. In practice this can be achieved with a reasonable degree of
accuracy with a single source, a transfer switch and two receivers; the latter inputs being
switched through a further pair of transfer switches. Alternatively three receivers can be
used with an additional input transfer switch or, as in the PicoVNA, four receivers can
be used. Using four receivers eliminates the receiver input transfer switch errors (chiefly
leakage and crosstalk) that cannot be corrected. These residual errors are always
present in two- and three-receiver architectures and lead to lower accuracy than that of
the Quad RX design.
Support for 8 and 12-term calibration and the unknown thru
Almost all vector network analyzers are calibrated for twelve error sources (six for each
signal direction). This is the so-called 12-term calibration, which experienced VNA users
are used to performing fairly regularly. In a four-receiver design some error sources
are so reduced that 8-term calibration becomes possible, along with an important
and efficient calibration technique known as the unknown thru. This gives the ability
to use any thru interconnect (including the DUT) during the calibration process, vastly
simplifying the procedure and reducing the number of costly calibration standards that
need to be maintained.
Other I/O
Power (12 to 15 V DC @ 22 W) and USB 2.0 control are located on the rear panel. Trigger
I/O for sweep synchronization and 10 MHz I/O for reference clock synchronization are
available on four BNC sockets.
Bias-Ts
Bias-Ts are often not provided, or
available as costly extras, on other
VNAs. Use the PicoVNA 106’s built-in
bias-Ts to provide a DC bias or test
stimulus to active devices without
the complexity and cost of external
DC-blocks. The bias is supplied from
external power supplies or test sources
routed to the SMB connectors adjacent
to each VNA port.
Use bias-Ts to power an active DUT
DUT
DC pwr
DC pwr
b1
a1
a2
b2
Receivers
Transfer switch
Source
Port 1
Port 2
DUT
Port 2
Port 1
10 MHz reference in /out
USB host connection
+12 V to +15 V DC power
Power on/off switch
Sweep trigger in/out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com