Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA170 Datasheet(PDF) 5 Page - Pico Technology Ltd.

Part # TA170
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA170 Datasheet(HTML) 5 Page - Pico Technology Ltd.

  TA170 Datasheet HTML 1Page - Pico Technology Ltd. TA170 Datasheet HTML 2Page - Pico Technology Ltd. TA170 Datasheet HTML 3Page - Pico Technology Ltd. TA170 Datasheet HTML 4Page - Pico Technology Ltd. TA170 Datasheet HTML 5Page - Pico Technology Ltd. TA170 Datasheet HTML 6Page - Pico Technology Ltd. TA170 Datasheet HTML 7Page - Pico Technology Ltd. TA170 Datasheet HTML 8Page - Pico Technology Ltd. TA170 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Test port adaptors
Order code
Name
Grade
Impedance (Ω)
Bandwidth (GHz)
Connector type*
TA342
ADA-STD-MM
Standard
50
18
SMA(m-m)
TA343
ADA-STD-FF
SMA(f-f)
TA340
ADA-PREM-MM
Premium
27
PC3.5(m-m)
TA341
ADA-PREM-FF
PC3.5(f-f)
Calibration and measurement reference standards
Pico Technology also offers two short, open, load and thru (SOLT), 4-piece, 5-port calibration kits in both male and female genders. All kits have high-performance tight-tolerance
stainless steel interface connectors. Kits are supplied as an assembled five-port “Y” SOLT, either male or female. They can be disassembled for individual usage, or for economical
refurbishment should a calibration standard be damaged. Each SOLT is supplied with traceable calibration data linked to the kit serial number, and is supplied in a protective carry
case. We also offer a calibration service for Pico standards only - see Ordering information.
Order code
Name
Grade
Ports
Impedance (Ω)
Bandwidth (GHz)
Connector type*
TA344
SOLT-STD-M
Standard
5
short,
open,
load,
thru
50
6
SMA(m)
TA345
SOLT-STD-F
SMA(f)
TA346
SOLT-PREM-M
Premium
PC3.5(m)
TA347
SOLT-PREM-F
PC3.5(f)
* SMA, PC3.5 and K-type/2.92 connectors can all be mated with each other. SMA type has solid dielectric, PC3.5 has air dielectric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com