Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G241YZP Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC2G241YZP
Description  SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G241YZP Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G241YZP Datasheet HTML 1Page - Texas Instruments SN74LVC2G241YZP Datasheet HTML 2Page - Texas Instruments SN74LVC2G241YZP Datasheet HTML 3Page - Texas Instruments SN74LVC2G241YZP Datasheet HTML 4Page - Texas Instruments SN74LVC2G241YZP Datasheet HTML 5Page - Texas Instruments SN74LVC2G241YZP Datasheet HTML 6Page - Texas Instruments SN74LVC2G241YZP Datasheet HTML 7Page - Texas Instruments SN74LVC2G241YZP Datasheet HTML 8Page - Texas Instruments SN74LVC2G241YZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
SN74LVC2G241
www.ti.com
SCES210P – APRIL 1999 – REVISED JANUARY 2019
Product Folder Links: SN74LVC2G241
Submit Documentation Feedback
Copyright © 1999–2019, Texas Instruments Incorporated
Recommended Operating Conditions
(1)
(continued)
MIN
MAX
UNIT
IOL
Low-level output current
VCC = 1.65 V
4
mA
VCC = 2.3 V
8
VCC = 3 V
16
24
VCC = 4.5 V
32
Δt/Δv Input transition rise or fall rate
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
ns/V
VCC = 3.3 V ± 0.3 V
10
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC2G241
UNIT
DCT
(SM8)
DCU
(VSSOP)
YZP
(DSBGA)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
220
227
102
°C/W
6.5 Electrical Characteristics
over recommended operating free-air temperature range, TA = –40ºC to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
–40°C to 85°C
–40°C to 125°C
(Recommended)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOH
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
V
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
IOH = –16 mA
3 V
2.4
2.4
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
VOL
IOL = 100 µA
1.65 V to 5.5 V
0.1
0.1
V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
IOL = 16 mA
3 V
0.4
0.4
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.75
II
A or OE
inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
±10
µA
IOZ
VO = 0 to 5.5 V
3.6 V
10
10
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
10
µA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
500
µA
Ci
Data Inputs
VI = VCC or GND
3.3 V
3.5
pF
Control Inputs
4
Co
VO = VCC or GND
3.3 V
6.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com