Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWV283 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LWV283
Description  White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWV283 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LWV283 Datasheet HTML 4Page - OSRAM GmbH LWV283 Datasheet HTML 5Page - OSRAM GmbH LWV283 Datasheet HTML 6Page - OSRAM GmbH LWV283 Datasheet HTML 7Page - OSRAM GmbH LWV283 Datasheet HTML 8Page - OSRAM GmbH LWV283 Datasheet HTML 9Page - OSRAM GmbH LWV283 Datasheet HTML 10Page - OSRAM GmbH LWV283 Datasheet HTML 11Page - OSRAM GmbH LWV283 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LW V283
2006-07-03
8
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TA = 25 °C
OHL01232
2.5
mA
10
0
2.7 2.9 3.1 3.3 3.5 3.7 3.9
V 4.3
10
1
2
10
IF
VF
Farbortverschiebung
2) Seite 15
Chromaticity Coordinate Shift
2) page 15
x, y =
f (I
F); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 15
Relative Luminous Intensity
2) 7) page 15
I
V/IV(10 mA) = f (IF); TA = 25 °C
10
-1
10
1
0
10
mA
F
I
I
V (10 mA)
I
V
10
1
5
10
2
10
0
OHL11233
5
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2) page 15
I
V/IV(25 °C) = f (Tj); IF = 10 mA
OHL01870
-60
0
T
˚C
V (25 ˚C)
I
IV
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com