Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWV283 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWV283
Description  White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWV283 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWV283 Datasheet HTML 5Page - OSRAM GmbH LWV283 Datasheet HTML 6Page - OSRAM GmbH LWV283 Datasheet HTML 7Page - OSRAM GmbH LWV283 Datasheet HTML 8Page - OSRAM GmbH LWV283 Datasheet HTML 9Page - OSRAM GmbH LWV283 Datasheet HTML 10Page - OSRAM GmbH LWV283 Datasheet HTML 11Page - OSRAM GmbH LWV283 Datasheet HTML 12Page - OSRAM GmbH LWV283 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LW V283
2006-07-03
9
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TA); TA: temp. ambient
temp. ambient
temp. solder point
40
0
020
T
T
S
A
F
I
mA
100
60
80 ˚C
T
OHL02476
A
TTS
5
10
15
20
25
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
D
10
10
0
0.05
0.10
-5
-4
-3
-2
10
10
10
0.20
0.15
F
I
0.25
A
t
P
=
D
T
0.1
-1
012
10
tp
10 s 10
0.5
0.2
OHL01608
0.05
0.005
0.02
0.01
=
T
t
P
IF
1
Exemplarische mittlere Lebensdauer
2) Seite 14
für mittlere Helligkeitsgruppe
Exemplary median Lifetime
2) page 14
for typical Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 10 mA
T
A = 25°C
6000
Betriebsstunden
operating hours
I
F = 5 mA
T
A = 85°C
1500
Betriebsstunden
operating hours
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C
D
10
10
0
0.05
0.10
-5
-4
-3
-2
10
10
10
0.20
0.15
F
I
0.25
A
t
P
=
D
T
0.1
-1
012
10
tp
10 s 10
0.5
0.2
OHL01599
0.05
0.005
0.02
0.01
=
T
t
P
IF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com