Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24320AFP Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # X24320AFP
Description  400KHz 2-Wire Serial E2PROM with Block Lock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24320AFP Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  X24320AFP Datasheet HTML 1Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 2Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 3Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 4Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 5Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 6Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 7Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 8Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
X24320
4
Figure 3. Acknowledge Response From Receiver
Stop Condition
All communications must be terminated by a stop
condition, which is a LOW to HIGH transition of SDA
when SCL is HIGH. The stop condition is also used to place
the device into the standby power mode after a
read sequence. A stop condition can only be issued after
the transmitting device has released the bus.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device,
either master or slave, will release the bus after trans- mitting
eight bits. During the ninth clock cycle the
receiver will pull the SDA line LOW to acknowledge that
it received the eight bits of data. Refer to Figure 3.
The device will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write operation have been selected,
the device will respond with an acknowledge
after the receipt of each subsequent 8-bit word.
In the read mode the device will transmit eight bits of data,
release the SDA line and monitor the line for an
acknowledge. If an acknowledge is detected and no stop
condition is generated by the master, the device
will continue to transmit data. If an acknowledge is not
detected, the device will terminate further data trans-
missions. The master must then issue a stop condition
to
return the device to the standby power mode and
place the device into a known state
.
SCL FROM
MASTER
DATA OUTPUT
FROM
TRANSMITTER
1
8
9
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE
7035 FM 05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com