Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24320AFP Datasheet(PDF) 6 Page - IC MICROSYSTEMS

Part # X24320AFP
Description  400KHz 2-Wire Serial E2PROM with Block Lock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24320AFP Datasheet(HTML) 6 Page - IC MICROSYSTEMS

Back Button X24320AFP Datasheet HTML 2Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 3Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 4Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 5Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 6Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 7Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 8Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 9Page - IC MICROSYSTEMS X24320AFP Datasheet HTML 10Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
X24320
6
Figure 6. Page Write Sequence
WRITE OPERATIONS
Byte Write
For a write operation, the device requires the Slave
Address Byte, the Word Address Byte 1, and the Word
Address Byte 0, which gives the master access to any one
of the words in the array. Upon receipt of the Word
Address Byte 0, the device responds with an acknowledge,
and waits for the first eight bits of data. After
receiving the 8 bits of the data byte, the device again
responds with an acknowledge. The master then
terminates the transfer by generating a stop condition, at
which time the device begins the internal write cycle
to the nonvolatile memory. While the internal write cycle
is in progress the device inputs are disabled
and the device will not respond to any requests from the
master. The SDA pin is at high impedance. See
figure 5.
Page Write
The device is capable of a thirty-two byte page write
operation. It is initiated in the same manner as the byte
write operation; but instead of terminating the write
operation after the first data word is transferred, the
master can transmit up to thirty-one more words. The device
will respond with an acknowledge after the
receipt of each word, and then the byte address is
internally incremented by one. The page address
remains constant. When the counter reaches the end of the
page, it “rolls over” and goes back to the first byte of the
current page. This means that the master can write 32 words
to the page beginning at any byte.
If the master begins writing at byte 16, and loads 32 words,
then the first 16 words are written to bytes 16
through 31, and the last 16 words are written to bytes
0 through 15. Afterwards, the address counter would
point to byte 16. If the master writes more than 32 words,
then the previously loaded data is overwritten
by the new data, one byte at a time.
The master terminates the data byte loading by
issuing a stop condition, which causes the device to
begin the nonvolatile write cycle. As with the byte write
operation, all inputs are disabled until completion of
the internal write cycle. Refer to figure 6 for the
address, acknowledge, and data transfer sequence.
S
T
A
R
T
SLAVE
ADDRESS
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
DATA
(0)
SIGNALS
FROM THE
MASTER
SDA BUS
SIGNALS
FROM THE
SLAVE
(n)
WORD ADDRESS
BYTE 1
WORD ADDRESS
BYTE 0
0
S
P
DATA
1 0 1 0
(0=n=31)
7035 FM 08
Figure 5. Byte Write Sequence
SIGNALS
FROM THE
MASTER
SDA BUS
SIGNALS
FROM THE
SLAVE
S
T
A
R
T
SLAVE
ADDRESS
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
WORD ADDRESS
BYTE 1
DATA
1 0 1 0
0
WORD ADDRESS
BYTE 0
S
P
7035 FM 07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com