Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 64Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 65Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 66Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 67Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 68Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 69Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 70Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 71Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
68/231
DocID024030 Rev 6
96
140
C4
B4
168 B9 199
B4
PB9
I/O FT
TIM4_CH4,
TIM11_CH1,
I2C1_SDA,
SPI2_NSS/I2S2_WS,
CAN1_TX, SDIO_D5,
DCMI_D7, LCD_B7,
EVENTOUT
97
141
B4
A4
169 B10 200
A6
PE0
I/O FT
TIM4_ETR,
UART8_RX,
FMC_NBL0, DCMI_D2,
EVENTOUT
98
142
A4
A3
170 A10 201
A5
PE1
I/O FT
UART8_Tx,
FMC_NBL1, DCMI_D3,
EVENTOUT
99
-
F5
D5
-
-
202
F6
VSS
S
-
143
C3
C6
171 A11 203
E5
PDR_ON
S
100 144
K6
C5
172 D7 204
E7
VDD
S
-
-
B3
D4
173
-
205
C3
PI4
I/O FT
TIM8_BKIN,
FMC_NBL2, DCMI_D5,
LCD_B4, EVENTOUT
-
-
A3
C4
174
-
206
D3
PI5
I/O FT
TIM8_CH1,
FMC_NBL3,
DCMI_VSYNC,
LCD_B5, EVENTOUT
-
-
A2
C3
175
-
207
D6
PI6
I/O FT
TIM8_CH2, FMC_D28,
DCMI_D6, LCD_B6,
EVENTOUT
-
-
B1
C2
176
-
208
D4
PI7
I/O FT
TIM8_CH3, FMC_D29,
DCMI_D7, LCD_B7,
EVENTOUT
1. Function availability depends on the chosen device.
2. NC (not-connected) pins are not bonded. They must be configured by software to output push-pull and forced to 0 in the
output data register to avoid extra current consumption in low power modes.
3. PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These I/Os must not be used as a current source (e.g. to drive an LED).
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com