Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 96Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 97Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 98Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 99Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 100Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 101Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 102Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 103Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
100/231
DocID024030 Rev 6
Table 24. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator enabled except prefetch) or RAM(1)
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Max(2)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
RUN mode
All
Peripherals
enabled(3)(4)
180
98
104(5)
123
141(5)
mA
168
89
98(5)
116
133(5)
150
75
84
100
115
144
72
81
96
112
120
54
58
72
85
90
43
45
56
66
60
29
30
38
45
30
16
20
34
46
25
13
16
30
43
16
11
13
27
39
85
9
23
36
44
8
21
34
22
7
20
33
All
Peripherals
disabled(3)
180
44
47(5)
69
87(5)
168
41
45(5)
66
83(5)
150
36
39
57
73
144
33
37
56
72
120
25
29
43
56
90
20
21
32
41
60
14
15
22
28
30
8
8
12
26
25
7
7
10
24
16
7
9
22
35
83
7
21
34
43
6
20
33
22
6
20
33
1. Code and data processing running from SRAM1 using boot pins.
2. Guaranteed by characterization.
3. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
4. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC
for the analog part.
5. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com