Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 98Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 99Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 100Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 101Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 102Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 103Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 104Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 105Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
102/231
DocID024030 Rev 6
Table 26. Typical and maximum current consumption in Sleep mode
Symbol
Parameter
Conditions fHCLK (MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Sleep mode
All
Peripherals
enabled(2)
180
78
89(3)
110
130(3)
mA
168
66
75(3)
93
110(3)
150
56
618096
144
54
587894
120
40
445972
90
32
34
46
56
60
22
23
31
38
30
10
16
30
43
25
9
142840
16
5
122540
83
8
22
35
43
7
21
34
22
6.5
20
33
All
Peripherals
disabled
180
21
26(3)
54
76(3)
168
16
20(3)
41
58(3)
150
14
173652
144
13
16.5
35
51
120
10
142841
90
8
13
26
37
60
6
9
17
25
30
5
8
22
35
25
3
7
21
34
16
3
7
21
34
82
6
20
33
42
6
20
33
22
6
20
33
1. Guaranteed by characterization unless otherwise specified.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. Based on characterization, tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com