Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 99Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 100Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 101Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 102Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 103Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 104Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 105Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 106Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 231 page
background image
DocID024030 Rev 6
103/231
STM32F427xx STM32F429xx
Electrical characteristics
192
Table 27. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD = 3.6 V
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STOP_NM
(normal mode)
Supply current in Stop
mode with voltage
regulator in main
regulator mode
Flash memory in Stop mode, all
oscillators OFF, no independent
watchdog
0.40
1.50
14.00
25.00
mA
Flash memory in Deep power
down mode, all oscillators OFF, no
independent watchdog
0.35
1.50
14.00
25.00
Supply current in Stop
mode with voltage
regulator in Low Power
regulator mode
Flash memory in Stop mode, all
oscillators OFF, no independent
watchdog
0.29
1.10
10.00
18.00
Flash memory in Deep power
down mode, all oscillators OFF, no
independent watchdog
0.23
1.10
10.00
18.00
IDD_STOP_UDM
(under-drive
mode)
Supply current in Stop
mode with voltage
regulator in main
regulator and under-
drive mode
Flash memory in Deep power
down mode, main regulator in
under-drive mode, all oscillators
OFF, no independent watchdog
0.19
0.50
6.00
9.00
Supply current in Stop
mode with voltage
regulator in Low Power
regulator and under-
drive mode
Flash memory in Deep power
down mode, Low Power regulator
in under-drive mode, all oscillators
OFF, no independent watchdog
0.10
0.40
4.00
7.00
1. Data based on characterization, tested in production.
Table 28. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA = 25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
VDD =
1.7 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.6 V
IDD_STBY
Supply current
in Standby
mode
Backup SRAM ON, low-speed
oscillator (LSE) and RTC ON
2.80
3.00
3.60
7.00
19.00
36.00
µA
Backup SRAM OFF, low-
speed oscillator (LSE) and
RTC ON
2.30
2.60
3.10
6.00
16.00
31.00
Backup SRAM ON, RTC and
LSE OFF
2.30
2.50
2.90
6.00(3) 18.00(3) 35.00(3)
Backup SRAM OFF, RTC and
LSE OFF
1.70
1.90
2.20
5.00(3) 15.00(3) 30.00(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com