Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 97Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 98Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 99Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 100Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 101Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 102Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 103Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 104Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 231 page
background image
DocID024030 Rev 6
101/231
STM32F427xx STM32F429xx
Electrical characteristics
192
Table 25. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator disabled)
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Max(1)
Unit
TA=
25 °C
TA=85 °C TA=105 °C
IDD
Supply
current in
RUN mode
All Peripherals
enabled(2)(3)
180
103
112
140
151
mA
168
98
107
126
144
150
87
95
112
128
144
85
92
108
124
120
66
71
85
99
90
54
58
69
80
60
37
39
47
55
30
20
24
39
51
25
17
21
35
48
16
12
16
30
42
87
11
24
37
45
8
22
35
23
7
21
34
All Peripherals
disabled(3)
180
57
62
87
106
168
50
54
76
93
150
46
50
70
86
144
45
49
68
84
120
36
41
56
69
90
29
34
46
57
60
21
24
33
41
30
13
17
31
44
25
11
15
28
41
16
8
12
25
38
85
9
23
35
44
7
21
34
23
6.5
20
33
1. Guaranteed by characterization unless otherwise specified.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC for
the analog part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com