Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 108Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 109Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 110Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 111Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 112Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 113Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 114Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 115Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
112/231
DocID024030 Rev 6
Table 35. Peripheral current consumption
Peripheral
IDD( Typ)(1)
Unit
Scale 1
Scale 2
Scale 3
AHB1
(up to
180 MHz)
GPIOA
2.50
2.36
2.08
µA/MHz
GPIOB
2.56
2.36
2.08
GPIOC
2.44
2.29
2.00
GPIOD
2.50
2.36
2.08
GPIOE
2.44
2.29
2.00
GPIOF
2.44
2.29
2.00
GPIOG
2.39
2.22
2.00
GPIOH
2.33
2.15
1.92
GPIOI
2.39
2.22
2.00
GPIOJ
2.33
2.15
1.92
GPIOK
2.33
2.15
1.92
OTG_HS+ULPI
27.00
24.86
21.92
CRC
0.44
0.42
0.33
BKPSRAM
0.78
0.69
0.58
DMA1
25.33
23.26
20.50
DMA2
24.72
22.71
20.00
DMA2D
28.50
26.32
23.33
ETH_MAC
ETH_MAC_TX
ETH_MAC_RX
ETH_MAC_PTP
21.56
20.07
17.75
AHB2
(up to
180 MHz)
OTG_FS
25.67
26.67
23.58
µA/MHz
DCMI
3.72
3.40
3.00
RNG
2.28
2.36
2.17
AHB3
(up to
180 MHz)
FMC
21.39
19.79
17.50
µA/MHz
Bus matrix(2)
14.06
13.19
11.75
µA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com