Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 136Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 137Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 138Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 139Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 140Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 141Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 142Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 143Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
140/231
DocID024030 Rev 6
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 62 for the SPI interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
1. Guaranteed by design.
2. Spikes with widths below tAF(min) are filtered.
3. Spikes with widths above tAF(max) are not filtered
Table 62. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode, SPI1/4/5/6,
2.7 V≤VDD≤3.6 V
--
45
MHz
Slave mode,
SPI1/4/5/6,
2.7 V≤VDD≤3.6 V
Receiver
45
Transmitter/
full-duplex
38(2)
Master mode, SPI1/2/3/4/5/6,
1.7 V≤VDD≤3.6 V
--
22.5
Slave mode, SPI1/2/3/4/5/6,
1.7 V≤VDD≤3.6 V
22.5
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%
tw(SCKH)
SCK high and low time
Master mode, SPI presc = 2,
2.7 V≤VDD≤3.6 V
TPCLK − 0.5
TPCLK
TPCLK+0.5
ns
tw(SCKL)
Master mode, SPI presc = 2,
1.7 V≤VDD≤3.6 V
TPCLK − 2
TPCLK
TPCLK+2
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4TPCLK
--
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2TPCLK
tsu(MI)
Data input setup time
Master mode
3
-
-
tsu(SI)
Slave mode
0
-
-
th(MI)
Data input hold time
Master mode
0.5
-
-
th(SI)
Slave mode
2
-
-
ta(SO)
Data output access time Slave mode, SPI presc = 2
0
-
4TPCLK
tdis(SO)
Data output disable time
Slave mode, SPI1/4/5/6,
2.7 V≤VDD≤3.6 V
0-
8.5
Slave mode, SPI1/2/3/4/5/6 and
1.7 V≤VDD≤3.6 V
0-
16.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com