Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 172Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 173Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 174Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 175Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 176Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 177Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 178Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 179Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
176/231
DocID024030 Rev 6
PC Card/CompactFlash controller waveforms and timings
Figure 63 through Figure 68 represent synchronous waveforms, and Table 98 and Table 99
provide the corresponding timings. The results shown in this table are obtained with the
following FMC configuration:
•
COM.FMC_SetupTime = 0x04;
•
COM.FMC_WaitSetupTime = 0x07;
•
COM.FMC_HoldSetupTime = 0x04;
•
COM.FMC_HiZSetupTime = 0x00;
•
ATT.FMC_SetupTime = 0x04;
•
ATT.FMC_WaitSetupTime = 0x07;
•
ATT.FMC_HoldSetupTime = 0x04;
•
ATT.FMC_HiZSetupTime = 0x00;
•
IO.FMC_SetupTime = 0x04;
•
IO.FMC_WaitSetupTime = 0x07;
•
IO.FMC_HoldSetupTime = 0x04;
•
IO.FMC_HiZSetupTime = 0x00;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0.
In all timing tables, the THCLK is the HCLK clock period.
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
0
-
ns
td(CLKL-NWEL) FMC_CLK low to FMC_NWE low
-
0
ns
td(CLKH-NWEH) FMC_CLK high to FMC_NWE high
THCLK−0.5
-
ns
td(CLKL-Data)
FMC_D[15:0] valid data after FMC_CLK low
-
2.5
ns
td(CLKL-NBLL) FMC_CLK low to FMC_NBL low
0
-
ns
td(CLKH-NBLH) FMC_CLK high to FMC_NBL high
THCLK−0.5
-
ns
tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
4
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
0
1. CL = 30 pF.
2. Guaranteed by characterization results.
Table 97. Synchronous non-multiplexed PSRAM write timings(1)(2) (continued)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com