Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429IIH7TR Datasheet(PDF) 181 Page - STMicroelectronics

Part # STM32F429IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429IIH7TR Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32F429IIH7TR Datasheet HTML 177Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 178Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 179Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 180Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 181Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 182Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 183Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 184Page - STMicroelectronics STM32F429IIH7TR Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 231 page
background image
DocID024030 Rev 6
181/231
STM32F427xx STM32F429xx
Electrical characteristics
192
NAND controller waveforms and timings
Figure 69 through Figure 72 represent synchronous waveforms, and Table 100 and
Table 101 provide the corresponding timings. The results shown in this table are obtained
with the following FMC configuration:
•
COM.FMC_SetupTime = 0x01;
•
COM.FMC_WaitSetupTime = 0x03;
•
COM.FMC_HoldSetupTime = 0x02;
•
COM.FMC_HiZSetupTime = 0x01;
•
ATT.FMC_SetupTime = 0x01;
•
ATT.FMC_WaitSetupTime = 0x03;
•
ATT.FMC_HoldSetupTime = 0x02;
•
ATT.FMC_HiZSetupTime = 0x01;
•
Bank = FMC_Bank_NAND;
•
MemoryDataWidth = FMC_MemoryDataWidth_16b;
•
ECC = FMC_ECC_Enable;
•
ECCPageSize = FMC_ECCPageSize_512Bytes;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0.
In all timing tables, the THCLK is the HCLK clock period.
Table 99. Switching characteristics for PC Card/CF read and write cycles
in I/O space(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NIOWR)
FMC_NIOWR low width
8THCLK − 0.5
-
ns
tv(NIOWR-D)
FMC_NIOWR low to FMC_D[15:0] valid
-
0
ns
th(NIOWR-D)
FMC_NIOWR high to FMC_D[15:0] invalid
9THCLK − 2-
ns
td(NCE4_1-NIOWR) FMC_NCE4_1 low to FMC_NIOWR valid
-
5THCLK
ns
th(NCEx-NIOWR)
FMC_NCEx high to FMC_NIOWR invalid
5THCLK
-ns
td(NIORD-NCEx)
FMC_NCEx low to FMC_NIORD valid
-
5THCLK
ns
th(NCEx-NIORD)
FMC_NCEx high to FMC_NIORD) valid
6THCLK+2
-
ns
tw(NIORD)
FMC_NIORD low width
8THCLK − 0.5
8THCLK+0.5
ns
tsu(D-NIORD)
FMC_D[15:0] valid before FMC_NIORD high
THCLK
-ns
td(NIORD-D)
FMC_D[15:0] valid after FMC_NIORD high
0
-
ns
1. CL = 30 pF.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com