Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSQ971 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LSQ971
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSQ971 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LSQ971 Datasheet HTML 3Page - OSRAM GmbH LSQ971 Datasheet HTML 4Page - OSRAM GmbH LSQ971 Datasheet HTML 5Page - OSRAM GmbH LSQ971 Datasheet HTML 6Page - OSRAM GmbH LSQ971 Datasheet HTML 7Page - OSRAM GmbH LSQ971 Datasheet HTML 8Page - OSRAM GmbH LSQ971 Datasheet HTML 9Page - OSRAM GmbH LSQ971 Datasheet HTML 10Page - OSRAM GmbH LSQ971 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LS Q971, LO Q971, LY Q971, LG Q971
2007-10-08
7
Maßzeichnung
8) Seite 13
Package Outlines
8) page 13
Gewicht / Approx. weight:
1.4 mg
Gurtung / Polarität und Lage
8) Seite 13
Verpackungseinheit: 4 Rollen mit 4000/Rolle,
8 mm Gurt, ø180 mm
Method of Taping / Polarity and Orientation
8) page 13
Packing unit: 4 reels with 4000/reel,
8 mm tape, ø180 mm
ø0.5 (ø0.020)
0.9 (0.035)
mark
Cathode
0.4 (0.016)
Soldering terminal
GEOY6989
0.7 (0.028)
ø0.3 (ø0.012)
0.2 (0.008)
Soldering terminal
may flow in x, y direction
0.7 (0.028)
0.5 (0.020)
0.7 (0.028)
0.9 (0.035)
Cathode mark
C
A
OHAY1539
C
A
4 (0.157)
2 (0.079)
+0.1 (0.004)
1.5 (0.059)
±0.1 (0.004)
±0.05 (0.002)
±0.1 (0.004)
4 (0.157)
0.95 (0.037) ±0.1 (0.004)
±0.05 (0.002)
0.2 (0.008)
0.75 (0.030) ±0.1 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com