Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSQ971 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSQ971
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSQ971 Datasheet(HTML) 1 Page - OSRAM GmbH

  LSQ971 Datasheet HTML 1Page - OSRAM GmbH LSQ971 Datasheet HTML 2Page - OSRAM GmbH LSQ971 Datasheet HTML 3Page - OSRAM GmbH LSQ971 Datasheet HTML 4Page - OSRAM GmbH LSQ971 Datasheet HTML 5Page - OSRAM GmbH LSQ971 Datasheet HTML 6Page - OSRAM GmbH LSQ971 Datasheet HTML 7Page - OSRAM GmbH LSQ971 Datasheet HTML 8Page - OSRAM GmbH LSQ971 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LS Q971, LO Q971, LY Q971, LG Q971
CHIPLED
Lead (Pb) Free Product - RoHS Compliant
Released
2007-10-08
1
Besondere Merkmale
• Gehäusetyp: 0603, farbloser diffuser Verguss
• Besonderheit des Bauteils: kleinste Bauform
1,6 mm x 0,8 mm x 0,8 mm
• Wellenlänge: 628 nm (super-red),
606 nm (orange), 587 nm (gelb),
570 nm (grün)
• Abstrahlwinkel: extrem breite
Abstrahlcharakteristik (160°)
• Technologie: GaP (grün), GaAlP (super-red,
orange, gelb)
• optischer Wirkungsgrad: 2,5 lm/W (grün),
1,5 lm/W (super-red, orange, gelb)
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 4000/Rolle, ø180 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• Informationsanzeigen im Innenbereich
• optischer Indikator
• Flache Hinterleuchtung (LCD, Handy,
Schalter, Display)
• Spielsachen
Features
• package: 0603, colorless diffused resin
• feature of the device: smallest package
1.6 mm x 0.8 mm x 0.8 mm
• wavelength: 628 nm (super-red),
606 nm (orange), 587 nm (yellow),
570 nm (green)
• viewing angle: extremely wide (160°)
• technology: GaP (green), GaAlP (super-red,
orange, yellow)
• optical efficiency: 2.5 lm/W (green),
1.5 lm/W (super-red, orange, yellow)
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 4000/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• indoor displays
• optical indicators
• flat backlighting (LCD, cellular phones,
switches, displays)
•toys


Similar Part No. - LSQ971

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSQ976 OSRAM-LSQ976 Datasheet
101Kb / 9P
Hyper CHIPLED
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
517Kb / 19P
Information Displays
LSQ976.01 OSRAM-LSQ976.01 Datasheet
1Mb / 23P
The Chip LED 0603 is the product of choice for status indication in electronics.
Version 1.0 2023-08-29
LSQ976.01-N1Q2-1 OSRAM-LSQ976.01-N1Q2-1 Datasheet
1Mb / 23P
The Chip LED 0603 is the product of choice for status indication in electronics.
Version 1.0 2023-08-29
More results

Similar Description - LSQ971

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com