Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6412 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6412
Description  0.8uA Low Power Consumption Dual Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6412 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6412 Datasheet HTML 15Page - Torex Semiconductor XC6412 Datasheet HTML 16Page - Torex Semiconductor XC6412 Datasheet HTML 17Page - Torex Semiconductor XC6412 Datasheet HTML 18Page - Torex Semiconductor XC6412 Datasheet HTML 19Page - Torex Semiconductor XC6412 Datasheet HTML 20Page - Torex Semiconductor XC6412 Datasheet HTML 21Page - Torex Semiconductor XC6412 Datasheet HTML 22Page - Torex Semiconductor XC6412 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19/28
XC6411/XC6412
Series
(8) Input Transient Response (Continued)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
VR1/VR2: 5.0V
1
2
3
4
5
6
7
Time (400μsec/div)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Input Voltage
Output Voltage
tr=tf=5μsec,
IOUT =1m A , CL=0.1μF(ceram ic)
VR1/VR2: 5.0V
1
2
3
4
5
6
7
Time (400μsec/div)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Input Voltage
Output Voltage
tr=tf=5μsec,
IOUT =1m A , CL=1.0μF(ceram ic)
VR1/VR2: 5.0V
1
2
3
4
5
6
7
Time (400μsec/div)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Input Voltage
Output Voltage
tr=tf=5μsec,
IOUT =30m A , CL=0.1μF(ceram ic)
VR1/VR2: 5.0V
1
2
3
4
5
6
7
Time (400μsec/div)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Input Voltage
Output Voltage
tr=tf=5μsec,
IOUT =30m A, CL=1.0μF(ceram ic)
VR1/VR2: 5.0V
1
2
3
4
5
6
7
Time (400μsec/div)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Input Voltage
Output Voltage
tr=tf=5μsec,
IOUT =100m A, CL=0.1μF(ceram ic)
VR1/VR2: 5.0V
1
2
3
4
5
6
7
Time (400μsec/div)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Input Voltage
Output Voltage
tr=tf=5μsec,
IOUT =100m A , CL=1.0μF(ceram ic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com