Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6412 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6412
Description  0.8uA Low Power Consumption Dual Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6412 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6412 Datasheet HTML 17Page - Torex Semiconductor XC6412 Datasheet HTML 18Page - Torex Semiconductor XC6412 Datasheet HTML 19Page - Torex Semiconductor XC6412 Datasheet HTML 20Page - Torex Semiconductor XC6412 Datasheet HTML 21Page - Torex Semiconductor XC6412 Datasheet HTML 22Page - Torex Semiconductor XC6412 Datasheet HTML 23Page - Torex Semiconductor XC6412 Datasheet HTML 24Page - Torex Semiconductor XC6412 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21/28
XC6411/XC6412
Series
(9) Load Transient Response (Continued)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
VR1/VR2: 3.0V
0
10
20
30
40
50
Time (400μsec/div)
1.0
1.5
2.0
2.5
3.0
3.5
tr=tf=5μsec, VIN=4.0V,
CIN=1.0μF(ceram ic), CL=0.1μF(ceram ic)
Output Voltage
Output Current
VR1/VR2: 3.0V
0
10
20
30
40
50
Time (400μsec/div)
1.0
1.5
2.0
2.5
3.0
3.5
tr=tf=5μsec, VIN=4.0V,
CIN=1.0μF(ceram ic),CL=1.0μF(ceram ic)
Output Voltage
Output Current
VR1/VR2: 3.0V
0
50
100
150
200
250
Time (600μsec/div)
1.0
1.5
2.0
2.5
3.0
3.5
tr=tf=5μsec, VIN=4.0V,
CIN=1.0μF(ceram ic), CL=0.1μF(ceram ic)
Output Voltage
Output Current
VR1/VR2: 3.0V
0
50
100
150
200
250
Time (600μsec/div)
1.0
1.5
2.0
2.5
3.0
3.5
tr=tf=5μsec, VIN=4.0V,
CIN=1.0μF(ceram ic),CL=1.0μF(ceram ic)
Output Voltage
Output Current
VR1/VR2: 5.0V
0
10
20
30
40
50
Time (400μsec/div)
3.0
3.5
4.0
4.5
5.0
5.5
tr=tf=5μsec, VIN=6.0V,
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)
Output Voltage
Output Current
VR1/VR2: 5.0V
0
10
20
30
40
50
Time (400μsec/div)
3.0
3.5
4.0
4.5
5.0
5.5
tr=tf=5μsec, VIN=6.0V,
CIN=1.0μF(ceram ic), CL=1.0μF(ceram ic)
Output Voltage
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com