Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC25M4CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC25M4CD
Description  LinCMOS QUAD OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC25M4CD Datasheet(HTML) 5 Page - Texas Instruments

  TLC25M4CD Datasheet HTML 1Page - Texas Instruments TLC25M4CD Datasheet HTML 2Page - Texas Instruments TLC25M4CD Datasheet HTML 3Page - Texas Instruments TLC25M4CD Datasheet HTML 4Page - Texas Instruments TLC25M4CD Datasheet HTML 5Page - Texas Instruments TLC25M4CD Datasheet HTML 6Page - Texas Instruments TLC25M4CD Datasheet HTML 7Page - Texas Instruments TLC25M4CD Datasheet HTML 8Page - Texas Instruments TLC25M4CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
electrical characteristics at specified free-air temperature, VDD = 1.4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
T
TLC254_C
TLC25L4_C
TLC25M4_C
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TLC25 4C
25
°C
10
10
10
TLC25_4C
0
°C to 70°C
12
12
12
VIO
Input offset voltage
TLC25 4AC
VO =0 2V
RS =50 Ω
25
°C
5
5
5
mV
VIO
Input offset voltage
TLC25_4AC
VO = 0.2 V,
RS = 50 Ω
0
°C to 70°C
6.5
6.5
6.5
mV
TLC25 4BC
25
°C
2
2
2
TLC25_4BC
0
°C to 70°C
3
3
3
aVIO
Average temperature coefficient of
25
°Cto70°C
1
1
1
µV/°C
aVIO
g
input offset voltage
25
°C to 70°C
1
1
1
µV/°C
IIO
Input offset current
VO =0 2V
25
°C
1
60
1
60
1
60
pA
IIO
Input offset current
VO = 0.2 V
0
°C to 70°C
300
300
300
pA
IIB
Input bias current
VO =0 2V
25
°C
1
60
1
60
1
60
pA
IIB
Input bias current
VO = 0.2 V
0
°C to 70°C
600
600
600
pA
VICR
Common-mode input voltage range
25
°C
0 to
0.2
0 to
0.2
0 to
0.2
V
VOM
Peak output voltage swing‡
VID = 100 mV
25
°C
450
700
450
700
450
700
mV
AVD
Large-signal differential voltage
amplification
VO = 100 to 300 mV,
RS = 50 Ω
25
°C
10
20
20
V/mV
CMRR
Common-mode rejection ratio
VO = 0.2 V,
VIC = VICRmin
25
°C
60
77
60
77
60
77
dB
IDD
Supply current
VO = 0.2 V,
No load
25
°C
600
750
50
68
400
500
µA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Unless otherwise noted, an output load resistor is
connected from the output to ground and has the following value: for low bias, RL = 1 MΩ, for medium bias RL = 100 kΩ, and for high bias RL = 10 kΩ.
‡ The output swings to the potential of VDD–/GND.
operating characteristics, VDD = 1.4 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC254_C
TLC25L4_C
TLC25M4_C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
See Figure 1
0.1
0.001
0.01
V/
µs
B1
Unity-gain bandwidth
AV = 40 dB,
RS = 50 Ω,
CL = 10 pF,
See Figure 1
12
12
12
kHz
Overshoot factor
See Figure 1
30%
35%
35%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com