Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L4CD Datasheet(PDF) 36 Page - Texas Instruments

Part # TLC27L4CD
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27L4CD Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLC27L4CD Datasheet HTML 32Page - Texas Instruments TLC27L4CD Datasheet HTML 33Page - Texas Instruments TLC27L4CD Datasheet HTML 34Page - Texas Instruments TLC27L4CD Datasheet HTML 35Page - Texas Instruments TLC27L4CD Datasheet HTML 36Page - Texas Instruments TLC27L4CD Datasheet HTML 37Page - Texas Instruments TLC27L4CD Datasheet HTML 38Page - Texas Instruments TLC27L4CD Datasheet HTML 39Page - Texas Instruments TLC27L4CD Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
–
+
5 V
0.016
µF
10 k
Ω
10 k
Ω
VO
0.016
µF
VI
1/4
TLC27L4
NOTE: Normalized to FC = 1 kHz and RL = 10 kΩ
Figure 48. Two-Pole Low-Pass Butterworth Filter
VIA
VDD
–
+
VIB
R2
100 k
Ω
10 k
Ω
R1
100 k
Ω
R2
TLC27L9
1/4
VO
R1
10 k
Ω
NOTE: VDD = 5 V to 16 V
V
O +
R2
R1
V
IB *
V
IA
Figure 49. Difference Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com