Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L4CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC27L4CD
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27L4CD Datasheet(HTML) 1 Page - Texas Instruments

  TLC27L4CD Datasheet HTML 1Page - Texas Instruments TLC27L4CD Datasheet HTML 2Page - Texas Instruments TLC27L4CD Datasheet HTML 3Page - Texas Instruments TLC27L4CD Datasheet HTML 4Page - Texas Instruments TLC27L4CD Datasheet HTML 5Page - Texas Instruments TLC27L4CD Datasheet HTML 6Page - Texas Instruments TLC27L4CD Datasheet HTML 7Page - Texas Instruments TLC27L4CD Datasheet HTML 8Page - Texas Instruments TLC27L4CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Trimmed Offset Voltage:
TLC27L9 . . . 900
µV Max at 25°C,
VDD = 5 V
D Input Offset Voltage Drift...Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
0
°C to 70°C...3 V to 16 V
–40
°C to 85°C...4 V to 16 V
–55
°C to 125°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
D Ultra-Low Power...Typically 195 µW
at 25
°C, VDD = 5 V
D Output Voltage Range includes Negative
Rail
D High Input Impedance...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up Immunity
description
The TLC27L4 and TLC27L9 quad operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high
input impedance, extremely low power, and high
gain.
These devices use Texas instruments silicon-gate
LinCMOS
™ technology, which provides offset
voltage stability far exceeding the stability
available with conventional metal-gate pro-
cesses.
The extremely high input impedance, low bias
currents, and low-power consumption make
these cost-effective devices ideal for high-gain,
low- frequency, low-power applications. Four
offset voltage grades are available (C-suffix and
I-suffix types), ranging from the low-cost TLC27L4
(10 mV) to the high-precision TLC27L9 (900
µV).
These advantages, in combination with good
common-mode rejection and supply voltage
rejection, make these devices a good choice for
new state-of-the-art designs as well as for
upgrading existing designs.
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments Incorporated.
35
30
25
20
15
10
5
600
0
– 600
40
1200
VIO – Input Offset Voltage – µV
0
– 1200
N Package
TA = 25°C
VDD = 5 V
299 Units Tested From 2 Wafer Lots
DISTRIBUTION OF TLC27L9
INPUT OFFSET VOLTAGE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN +
VDD
2IN +
2IN –
2OUT
4OUT
4IN –
4IN +
GND
3IN +
3IN –
3OUT
D, J, N, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN +
NC
GND
NC
3IN +
1IN +
NC
VDD
NC
2IN +
FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TLC27L4CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L4CD TI-TLC27L4CD Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4CD TI1-TLC27L4CD Datasheet
1Mb / 44P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4CD TI1-TLC27L4CD Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4CD TI-TLC27L4CD Datasheet
1Mb / 43P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4CDG4 TI1-TLC27L4CDG4 Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27L4CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC254 TI-TLC254 Datasheet
315Kb / 21P
LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com