Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWV18C Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWV18C
Description  FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWV18C Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWV18C Datasheet HTML 5Page - OSRAM GmbH LWV18C Datasheet HTML 6Page - OSRAM GmbH LWV18C Datasheet HTML 7Page - OSRAM GmbH LWV18C Datasheet HTML 8Page - OSRAM GmbH LWV18C Datasheet HTML 9Page - OSRAM GmbH LWV18C Datasheet HTML 10Page - OSRAM GmbH LWV18C Datasheet HTML 11Page - OSRAM GmbH LWV18C Datasheet HTML 12Page - OSRAM GmbH LWV18C Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LW V18C
2007-08-10
9
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
40
20
0
0
100
80
60
˚C
T
IF
mA
OHL02208
TA
TS
A
T
TS temp. solder point
temp. ambient
5
10
15
20
25
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
0.05
0.10
-2
-3
-4
-5
10
10
10
1
0.15
F
I
0.25
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL02204
T
t
P
IF
OHL02205
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.05
0.10
0.15
0.25
0.2
1
0.5
D
0.02
0.1
0.05
0.005
0.01
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com