Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F527 Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16F527
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16F527 Datasheet HTML 49Page - Microchip Technology PIC16F527 Datasheet HTML 50Page - Microchip Technology PIC16F527 Datasheet HTML 51Page - Microchip Technology PIC16F527 Datasheet HTML 52Page - Microchip Technology PIC16F527 Datasheet HTML 53Page - Microchip Technology PIC16F527 Datasheet HTML 54Page - Microchip Technology PIC16F527 Datasheet HTML 55Page - Microchip Technology PIC16F527 Datasheet HTML 56Page - Microchip Technology PIC16F527 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 53
PIC16F570
8.15
Program Verification/Code
Protection
If the code protection bit has not been programmed, the
on-chip program memory can be read out for
verification purposes.
The first 64 locations and the last location (OSCCAL)
can be read, regardless of the code protection bit
setting.
8.16
ID Locations
Four memory locations are designated as ID locations
where the user can store checksum or other code
identification numbers. These locations are not
accessible during normal execution, but are readable
and writable during Program/Verify.
Use only the lower four bits of the ID locations and
always program the upper eight bits as ‘0’s.
8.17
In-Circuit Serial Programming™
The PIC16F570 microcontroller can be serially
programmed while in the end application circuit. This is
simply done with two lines for clock and data, and three
other lines for power, ground and the programming
voltage. This allows customers to manufacture boards
with unprogrammed devices and then program the
microcontroller just before shipping the product. This
also allows the most recent firmware, or a custom
firmware, to be programmed.
The devices are placed into a Program/Verify mode by
holding the ICSPCLK and ICSPDAT pins low while
raising the MCLR (VPP) pin from VIL to VIHH (see
programming specification). ICSPCLK becomes the
programming clock and ICSPDAT becomes the
programming data. Both ICSPCLK and ICSPDAT are
Schmitt Trigger inputs in this mode.
After Reset, a 6-bit command is then supplied to the
device. Depending on the command, 14 bits of program
data are then supplied to or from the device, depending
if the command was a load or a read. For complete
details of serial programming, please refer to the
PIC16F570 Programming Specifications.
A typical In-Circuit Serial Programming connection is
shown in Figure 8-14.
FIGURE 8-14:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
External
Connector
Signals
To Normal
Connections
To Normal
Connections
VDD
VSS
MCLR/VPP
ICSPCLK
ICSPDAT
+5V
0V
VPP
CLK
Data
VDD
PIC® Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com