Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F527 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F527
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F527 Datasheet HTML 1Page - Microchip Technology PIC16F527 Datasheet HTML 2Page - Microchip Technology PIC16F527 Datasheet HTML 3Page - Microchip Technology PIC16F527 Datasheet HTML 4Page - Microchip Technology PIC16F527 Datasheet HTML 5Page - Microchip Technology PIC16F527 Datasheet HTML 6Page - Microchip Technology PIC16F527 Datasheet HTML 7Page - Microchip Technology PIC16F527 Datasheet HTML 8Page - Microchip Technology PIC16F527 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 1
PIC16F570
Processor Features:
• Interrupt Capability
• PIC16F570 Operating Speed:
- DC – 20 MHz Crystal oscillator
- DC – 200 ns Instruction cycle
• High Endurance Program and Flash Data
Memory Cells:
- 2048 x 12 user execution memory
- 64 x 8 self-writable data memory
- 100,000 write program memory endurance
- 1,000.000 write Flash data memory
endurance
- Program and Flash data retention: >40 years
• General Purpose Registers (SRAM):
- 132 x 8 memory
• Only 36 Single-Word Instructions to Learn:
- Modified baseline CPU
- Added RETURN and RETFIE instructions
- Added MOVLB instruction
• All Instructions are Single-Cycle except for
Program Branches which are Two-Cycle
• Four-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
for Data and Instructions
Peripheral Features:
• Device Features:
- 24 I/Os
- Individual direction control
- High-current source/sink
• 8-Bit Real-Time Clock/Counter (TMR0) with 8-Bit
Programmable Prescaler
• In-Circuit Serial Programming™ (ICSP™) via Two
External Pin Connections
• Analog Comparator (CMP):
- Two analog comparators
- Absolute and programmable references
• Analog-to-Digital Converter (ADC):
- 8-bit resolution
- Eight external input channels
- 0.6V reference input
• Operational Amplifiers (op amps):
- Two operational amplifiers
- Fully-accessible visibility
Microcontroller Features:
• Brown-out Reset (BOR)
• Power-on Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own On-Chip RC
Oscillator for Reliable Operation
• Programmable Code Protection (CP)
• Power-Saving Sleep mode with Wake-up on
Change Feature
• Selectable Oscillator Options:
- INTOSC: Precision 4 or 8 MHz internal
oscillator
- EXTRC: Low-cost external RC oscillator
- LP: Power-saving, low-frequency crystal
- XT: Standard crystal/resonator
- HS: High-speed crystal/resonator
- EC: High-speed external clock
• Variety of Packaging Options:
- 28-Lead SPDIP, SOIC, SSOP, QFN, UQFN
CMOS Technology:
• Low-Power, High-Speed CMOS Flash Technology
• Fully-Static Design
• Wide Operating Voltage and Temperature Range:
- Industrial: 2.0V to 5.5V
- Extended: 2.0V to 5.5V
• Operating Current:
- 175 uA @ 2V, 4 MHz, typical
- 13 uA @ 2V, 32 kHz, typical
• Standby Current:
- 100 nA @ 2V, typical
28-Pin, 8-Bit Flash Microcontroller


Similar Part No. - PIC16F527

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F527 MICROCHIP-PIC16F527 Datasheet
2Mb / 134P
28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
PIC16F527 MICROCHIP-PIC16F527 Datasheet
5Mb / 12P
8-bit PIC짰 Microcontrollers
03/12/14
PIC16F527 MICROCHIP-PIC16F527 Datasheet
2Mb / 134P
20-Pin, 8-Bit Flash Microcontroller
03/25/14
PIC16F527-I/SS MICROCHIP-PIC16F527-I/SS Datasheet
2Mb / 134P
20-Pin, 8-Bit Flash Microcontroller
03/25/14
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
20-Pin, 8-Bit Flash Microcontroller
11/29/11
More results

Similar Description - PIC16F527

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
14-Pin, 8-Bit Flash Microcontroller
2010
PIC16F570 MICROCHIP-PIC16F570 Datasheet
2Mb / 134P
28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
20-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16F1782 MICROCHIP-PIC16F1782_12 Datasheet
7Mb / 450P
28-Pin 8-Bit Advanced Analog Flash Microcontroller
10/26/12
PIC16F1777 MICROCHIP-PIC16F1777 Datasheet
7Mb / 630P
28/40/44-Pin, 8-Bit Flash Microcontroller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com