Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F752 Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 186Page - Microchip Technology PIC12F752 Datasheet HTML 187Page - Microchip Technology PIC12F752 Datasheet HTML 188Page - Microchip Technology PIC12F752 Datasheet HTML 189Page - Microchip Technology PIC12F752 Datasheet HTML 190Page - Microchip Technology PIC12F752 Datasheet HTML 191Page - Microchip Technology PIC12F752 Datasheet HTML 192Page - Microchip Technology PIC12F752 Datasheet HTML 193Page - Microchip Technology PIC12F752 Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 190
 2013-2015 Microchip Technology Inc.
TABLE 22-11: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Param
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
30
TMCL
MCLR Pulse Width (low)
2
5
—
—
—
—
s
s
VDD = 5V, -40°C to +85°C
VDD = 5V, -40°C to +125°C
31
TWDTLP Low-Power Watchdog Timer
Time-out Period
10
10
20
20
30
35
ms
ms
VDD = 5V, -40°C to +85°C
VDD = 5V, -40°C to +125°C
32*
TPWRT
Power-up Timer Period,
PWRTE = 0 (No Prescaler)
40
65
140
ms
33*
TIOZ
I/O high impedance from MCLR
Low or Watchdog Timer Reset
——
2.0
s
34
VBOR
Brown-out Reset Voltage (1)
22.15
2.3
V
35*
VHYST
Brown-out Reset Hysteresis
—
100
—
mV
-40°C
 TA  +85°C
36*
TBOR
Brown-out Reset DC Minimum
Detection Period
—
100
—
sVDD  VBOR
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
To ensure these voltage tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com