Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F752 Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 188Page - Microchip Technology PIC12F752 Datasheet HTML 189Page - Microchip Technology PIC12F752 Datasheet HTML 190Page - Microchip Technology PIC12F752 Datasheet HTML 191Page - Microchip Technology PIC12F752 Datasheet HTML 192Page - Microchip Technology PIC12F752 Datasheet HTML 193Page - Microchip Technology PIC12F752 Datasheet HTML 194Page - Microchip Technology PIC12F752 Datasheet HTML 195Page - Microchip Technology PIC12F752 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 192
 2013-2015 Microchip Technology Inc.
FIGURE 22-9:
PIC16F753/HV753 CAPTURE/COMPARE/PWM TIMINGS (CCP)
TABLE 22-13: CAPTURE/COMPARE/PWM REQUIREMENTS (CCP)
TABLE 22-14: COMPARATOR SPECIFICATIONS(1)
Standard Operating Conditions (unless otherwise stated)
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
CC01*
TccL
CCP1 Input Low Time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
20
—
—
ns
CC02*
TccH
CCP1 Input High Time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
20
—
—
ns
CC03*
TccP
CCP1 Input Period
3TCY + 40
N
—
—
ns
N = prescale
value (1, 4 or 16)
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Standard Operating Conditions (unless otherwise stated)
VDD = 5.0V, -40°C
 TA  +125°C
Param
No.
Sym.
Characteristics
Min.
Typ†
Max.
Units
Comments
CM01
VIOFF
Input Offset Voltage(3)
—
 10
 10
 20
 20
mV
mV
CxSP = 1
CxSP = 0
CM02
VICM
Input Common Mode Voltage
0
—
VDD – 1.5
V
CM03
CMRR
Common Mode Rejection Ratio
—
55
—
dB
CM04A* TRT(2)
Response Time
—
55
70
ns
CxSP = 1
—
65
100
ns
CxSP = 0
CM05*
TMC20V
Comparator Mode Change to Output Valid
—
—
10
s
CM06
CHYSTER
Comparator Hysteresis
—
20
50
mV
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
See Section 23.0 “DC and AC Characteristics Graphs and Charts”Section 22.0 “Electrical Specifi-
cations” for operating characterization.
2:
Response time is measured with one comparator input at (VDD - 1.5V)/2 - 100 mV to (VDD -1.5V)/
2 + 20 mV. The other input is at (VDD -1.5V)/2.
3:
Input offset voltage is measured with one comparator input at (VDD -1.5V)/2.
(Capture mode)
CC01
CC02
CC03
CCP1
Note:
Refer to Figure 22-3 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com