Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F752 Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 192Page - Microchip Technology PIC12F752 Datasheet HTML 193Page - Microchip Technology PIC12F752 Datasheet HTML 194Page - Microchip Technology PIC12F752 Datasheet HTML 195Page - Microchip Technology PIC12F752 Datasheet HTML 196Page - Microchip Technology PIC12F752 Datasheet HTML 197Page - Microchip Technology PIC12F752 Datasheet HTML 198Page - Microchip Technology PIC12F752 Datasheet HTML 199Page - Microchip Technology PIC12F752 Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 196
 2013-2015 Microchip Technology Inc.
FIGURE 22-11:
PIC16F753/HV753 A/D CONVERSION TIMING (ADC CLOCK FROM FRC)
TABLE 22-20: OPERATIONAL AMPLIFIER (OPA)
AD132
AD131
AD130
BSF ADCON0, GO
Q4
A/D CLK
A/D Data
ADRES
ADIF
GO
Sample
OLD_DATA
Sampling Stopped
DONE
NEW_DATA
9
7
32
10
AD134
6
8
1 TCY
(
TOSC/2 + TCY)
1 TCY
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated):
VDD = 3.0 Temperature 25°C, High-Power Mode
Param
No.
Symbol
Parameters
Min.
Typ†
Max.
Units
Conditions
OPA12
GBWP
Gain Bandwidth Product
—
3
—
MHz
OPA13*
TON
Turn on Time
—
—
10
s
OPA14*
PM
Phase Margin
—
60
—
degrees
OPA15*
SR
Slew Rate
2
—
—
V/
s
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “min”
values with an external clock applied to OSC1 pin. When an external clock input is used, the “max” cycle
time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com