Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570-I/SP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F570-I/SP
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570-I/SP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F570-I/SP Datasheet HTML 17Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 18Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 19Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 20Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 21Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 22Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 23Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 24Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 21
PIC16F570
4.8
Direct and Indirect Addressing
4.8.1
DIRECT DATA ADDRESSING: BSR
REGISTER
Traditional data memory addressing is performed in
the Direct Addressing mode. In Direct Addressing, the
Bank Select Register bits BSR<2:0>, in the new BSR
register, are used to select the data memory bank. The
address location within that bank comes directly from
the opcode being executed.
BSR<2:0> are the bank select bits and are used to
select the bank to be addressed (000 = Bank 0, 001 =
Bank 1, 010 = Bank 2, 011 = Bank 3, 100 = Bank 4,
etc.).
A new instruction supports the addition of the BSR
register,
called
the
MOVLB
instruction.
See
Section 13.0 “Instruction Set Summary” for more
information.
4.8.2
INDIRECT DATA ADDRESSING:
INDF AND FSR REGISTERS
The INDF register is not a physical register.
Addressing INDF actually addresses the register
whose address is contained in the FSR register (FSR
is a pointer). This is indirect addressing.
Reading INDF itself indirectly (FSR = 0) will produce
00h. Writing to the INDF register indirectly results in a
no-operation (although Status bits may be affected).
The FSR is an 8-bit wide register. It is used in
conjunction with the INDF register to indirectly address
the data memory area.
The FSR<7:0> bits are used to select data memory
addresses 00h to 1Fh.
A simple program to clear RAM locations 10h-1Fh
using indirect addressing is shown in Example 4-1.
EXAMPLE 4-1:
HOW TO CLEAR RAM
USING INDIRECT
ADDRESSING
MOVLW
0x10
;initialize pointer
MOVWF
FSR
;to RAM
NEXT
CLRF
INDF
;clear INDF
;register
INCF
FSR,F
;inc pointer
BTFSC
FSR,4
;all done?
GOTO
NEXT
;NO, clear next
CONTINUE
:
;YES, continue
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More