Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570-I/SP Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F570-I/SP
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570-I/SP Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F570-I/SP Datasheet HTML 83Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 84Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 85Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 86Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 87Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 88Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 89Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 90Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 87
PIC16F570
TABLE 15-5:
A/D CONVERTER CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: 25°C
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
A01
NR
Resolution
—
—
8
bit
A03
EINL Integral Error
—
—
1.5
LSb VDD = 5.0V
A04
EDNL Differential Error
—
—
EDNL 1.7 LSb No missing codes
VDD = 5.0V
A05
EFS
Full Scale Range
2.0*
—
5.5*
V
A06
EOFF Offset Error
—
—
1.5
LSb VDD = 5.0V
A07
EGN Gain Error
-0.7
—
2.2
LSb VDD = 5.0V
A10
—
Monotonicity
—
guaranteed(1)
——
VSS
 VAIN  VDD
A25*
VAIN Analog Input
Voltage
VSS
—VDD
V
A30*
ZAIN Recommended
Impedance of
Analog Voltage
Source
——
10
K
*
These parameters are characterized but not tested.
† Data in “Typ.” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com