Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F753-I/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F753-I/ML
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753-I/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F753-I/ML Datasheet HTML 17Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 18Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 19Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 20Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 21Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 22Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 23Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 24Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 21
PIC16F753/HV753
2.3.7
PIR2 REGISTER
The PIR2 register contains the Peripheral Interrupt flag
bits, as shown in Register 2-7.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 2-7:
PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 1
U-0
U-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
—
—
C2IF
C1IF
—COG1IF
—
CCP1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
C2IF: Comparator 1 Interrupt Flag bit
1
= Comparator output (C2OUT bit) has changed (must be cleared in software)
0
= Comparator output (C2OUT bit) has not changed
bit 4
C1IF: Comparator 1 Interrupt Flag bit
1
= Comparator output (C1OUT bit) has changed (must be cleared in software)
0
= Comparator output (C1OUT bit) has not changed
bit 3
Unimplemented: Read as ‘0’
bit 2
COG1IF: COG 1 Interrupt Flag bit
1
= COG1 has generated an auto-shutdown interrupt
0
= COG1 has NOT generated an auto-shutdown interrupt
bit 1
Unimplemented: Read as ‘0’
bit 0
CCP1IF: ECCP Interrupt Flag bit
Capture Mode
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare Mode
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode
Unused in this mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More