Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F753-I/ML Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F753-I/ML
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753-I/ML Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F753-I/ML Datasheet HTML 83Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 84Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 85Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 86Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 87Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 88Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 89Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 90Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 87
PIC16F753/HV753
11.5.4
RISING EVENT DEAD BAND
Rising event dead band adds a delay between the
COGxOUT1 signal deactivation and the COGxOUT0
signal activation. The rising event dead-band time
starts when the rising_event output goes true.
See
Section 11.5.1,
Asynchronous
Delay
Chain
Dead-band Delay and Section 11.5.2, Synchronous
Counter Dead-band Delay for more information on
setting the rising edge dead-band time.
11.5.5
FALLING EVENT DEAD BAND
Falling event dead band adds a delay between the
COGxOUT1 signal deactivation and the COGxOUT0
signal activation. The falling event dead-band time
starts when the falling_event output goes true.
See
Section 11.5.1,
Asynchronous
Delay
Chain
Dead-band Delay and Section 11.5.2, Synchronous
Counter Dead-band Delay for more information on
setting the rising edge dead-band time.
11.5.6
DEAD-BAND OVERLAP
There are two cases of dead-band overlap:
• Rising-to-falling
• Falling-to-rising
11.5.6.1
Rising-to-Falling Overlap
In this case, the falling event occurs while the rising
event dead-band counter is still counting. When this
happens, the COGxOUT0 drive is suppressed and the
dead band extends by the falling event dead-band
time. At the termination of the extended dead-band
time, the COGxOUT1 drive goes true.
11.5.6.2
Falling-to-Rising Overlap
In this case, the rising event occurs while the falling
event dead-band counter is still counting. When this
happens, the COGxOUT1 drive is suppressed and the
dead band extends by the rising event dead-band
time. At the termination of the extended dead-band
time, the COGxOUT0 drive goes true.
11.6
Blanking Control
Input blanking is a function, whereby the event inputs
can be masked or blanked for a short period of time.
This is to prevent electrical transients caused by the
turn-on/off of power components from generating a
false input event.
The COG contains two blanking counters: one
triggered by the rising event and the other triggered by
the falling event. The counters are cross-coupled with
the events they are blanking. The falling event
blanking counter is used to blank rising input events
and the rising event blanking counter is used to blank
falling input events. Once started, blanking extends for
the time specified by the corresponding blanking
counter.
Blanking is timed by counting COG_clock periods from
zero up to the value in the blanking count register. Use
Equation 11-1 to calculate blanking times.
11.6.1
FALLING EVENT BLANKING OF
RISING EVENT INPUTS
The falling event blanking counter inhibits rising event
inputs from triggering a rising event. The falling event
blanking time starts when the rising event output drive
goes false.
The falling event blanking time is set by the value
contained in the COGxBKF register (Register 11-12).
Blanking times are calculated using the formula shown
in Equation 11-1.
When the COGxBKF value is zero, the falling event
blanking is disabled and the blanking counter output is
true, thereby allowing the event signal to pass straight
through to the event trigger circuit.
11.6.2
RISING EVENT BLANKING OF
FALLING EVENT INPUTS
The rising event blanking counter inhibits falling event
inputs from triggering a falling event. The rising event
blanking time starts when the falling event output drive
goes false.
The rising event blanking time is set by the value
contained in the COGxBKR register (Register 11-11).
When the COGxBKR value is zero, the rising event
blanking is disabled and the blanking counter output is
true, thereby allowing the event signal to pass straight
through to the event trigger circuit.
11.6.3
BLANKING TIME UNCERTAINTY
When the rising and falling sources that trigger the
blanking
counters
are
asynchronous
to
the
COG_clock, it creates uncertainty in the blanking time.
The maximum uncertainty is equal to one COG_clock
period. Refer to Equation 11-1 and Example 11-2 for
more detail.
11.7
Phase Delay
It is possible to delay the assertion of either or both the
rising event and falling event. This is accomplished by
placing a non-zero value in COGxPHR or COGxPHF
phase
delay
count
register,
respectively
(Register 11-13
and
Register 11-14).
Refer
to
Figure 11-5 for COG operation with CCP1 and phase
delay. The delay from the input rising event signal
switching to the actual assertion of the events is
calculated the same as the dead-band and blanking
delays. Please see Equation 11-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com