Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1507-E/SS. Datasheet(PDF) 224 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 224 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 220Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 221Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 222Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 223Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 224Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 225Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 226Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 227Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 224
 2011-2015 Microchip Technology Inc.
TABLE 25-13: ANALOG-TO-DIGITAL CONVERTER (ADC) CHARACTERISTICS(1,2,3)
Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
AD01
NR
Resolution
10
bit
AD02
EIL
Integral Error
±1
±1.7
LSb VREF = 3.0V
AD03
EDL
Differential Error
±1
±1
LSb No missing codes
VREF = 3.0V
AD04
EOFF Offset Error
±1
±2.5
LSb VREF = 3.0V
AD05
EGN
Gain Error
±1
±2.0
LSb VREF = 3.0V
AD06
VREF Reference Voltage
1.8
VDD
VVREF = (VRPOS - VRNEG) (Note 4)
AD07
VAIN
Full-Scale Range
VSS
—VREF
V
AD08
ZAIN
Recommended Impedance of
Analog Voltage Source
——
10
k
 Can go higher if external 0.01F capacitor is
present on input pin.
*
These parameters are characterized but not tested.
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
Total Absolute Error includes integral, differential, offset and gain errors.
2:
The ADC conversion result never decreases with an increase in the input voltage and has no missing codes.
3:
See Section 26.0 “DC and AC Characteristics Graphs and Charts” for operating characterization.
4:
ADC VREF is selected by ADPREF<0> bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com