Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1507-E/SS. Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 21Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 22Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 23Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 24Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 25Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 26Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 27Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 28Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 25
PIC16(L)F1507
Bank 2
10Ch
LATA
—LATA5
LATA4
LATA2
LATA1
LATA0
--xx -xxx --uu -uuu
10Dh
LATB
LATB7
LATB6
LATB5
LATB4
xxxx ---- uuuu ----
10Eh
LATC
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
xxxx xxxx uuuu uuuu
10Fh
to
115h
Unimplemented
116h
BORCON
SBOREN
BORFS
BORRDY
10-- ---q uu-- ---u
117h
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
—ADFVR<1:0>
0q00 --00 0q00 --00
118h
to
11Ch
Unimplemented
11Dh
APFCON
CLC1SEL
NCO1SEL
---- --00 ---- --00
11Eh
Unimplemented
11Fh
Unimplemented
Bank 3
18Ch
ANSELA
ANSA4
ANSA2
ANSA1
ANSA0
---1 -111 ---1 -111
18Dh
ANSELB
ANSB5
ANSB4
--11 ---- --11 ----
18Eh
ANSELC
ANSC7
ANSC6
ANSC3
ANSC2
ANSC1
ANSC0
11-- 1111 11-- 1111
18Fh
Unimplemented
190h
Unimplemented
191h
PMADRL
Flash Program Memory Address Register Low Byte
0000 0000 0000 0000
192h
PMADRH
—(2)
Flash Program Memory Address Register High Byte
1000 0000 1000 0000
193h
PMDATL
Flash Program Memory Read Data Register Low Byte
xxxx xxxx uuuu uuuu
194h
PMDATH
Flash Program Memory Read Data Register High Byte
--xx xxxx --uu uuuu
195h
PMCON1
—(2)
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
1000 x000 1000 q000
196h
PMCON2
Flash Program Memory Control Register 2
0000 0000 0000 0000
197h
VREGCON(1)
———
VREGPM
Reserved
---- --01 ---- --01
198h
to
19Fh
Unimplemented
TABLE 3-5:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1507 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com