| Electronic Components Datasheet Search |
|
PIC16F1507-E/SS. Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1507-E/SS. Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 278 page ![]() 2011-2015 Microchip Technology Inc. DS40001586D-page 9 PIC16(L)F1507 TABLE 1-2: PIC16(L)F1507 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0/ICSPDAT RA0 TTL CMOS General purpose I/O. AN0 AN — A/D Channel input. ICSPDAT ST CMOS ICSP™ Data I/O. RA1/AN1/VREF+/ICSPCLK RA1 TTL CMOS General purpose I/O. AN1 AN — A/D Channel input. VREF+ AN — A/D Positive Voltage Reference input. ICSPCLK ST — Serial Programming Clock. RA2/AN2/T0CKI/INT/PWM3/ CLC1(1)/CWG1FLT RA2 ST CMOS General purpose I/O. AN2 AN — A/D Channel input. T0CKI ST — Timer0 clock input. INT ST — External interrupt. PWM3 — CMOS Pulse Width Module source output. CLC1 — CMOS Configurable Logic Cell source output. CWG1FLT ST — Complementary Waveform Generator Fault input. RA3/CLC1IN0/VPP/MCLR RA3 TTL — General purpose input. CLC1IN0 ST — Configurable Logic Cell source input. VPP HV — Programming voltage. MCLR ST — Master Clear with internal pull-up. RA4/AN3/CLKOUT/T1G RA4 TTL CMOS General purpose I/O. AN3 AN — A/D Channel input. CLKOUT — CMOS FOSC/4 output. T1G ST — Timer1 Gate input. RA5/CLKIN/T1CKI/NCO1CLK RA5 TTL CMOS General purpose I/O. CLKIN CMOS — External clock input (EC mode). T1CKI ST — Timer1 clock input. NCO1CLK ST — Numerically Controlled Oscillator Clock source input. RB4/AN10 RB4 TTL CMOS General purpose I/O. AN10 AN — A/D Channel input. RB5/AN11 RB5 TTL CMOS General purpose I/O. AN11 AN — A/D Channel input. RB6 RB6 TTL CMOS General purpose I/O. RB7 RB7 TTL CMOS General purpose I/O. RC0/AN4/CLC2 RC0 TTL CMOS General purpose I/O. AN4 AN — A/D Channel input. CLC2 — CMOS Configurable Logic Cell source output. RC1/AN5/PWM4/NCO1(1) RC1 TTL CMOS General purpose I/O. AN5 AN — A/D Channel input. PWM4 — CMOS Pulse Width Module source output. NCO1 — CMOS Numerically Controlled Oscillator is source output. RC2/AN6 RC2 TTL CMOS General purpose I/O. AN6 AN — A/D Channel input. Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Alternate pin function selected with the APFCON (Register 11-1) register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |