| Electronic Components Datasheet Search |
|
PIC16F1507-E/SS. Datasheet(PDF) 107 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1507-E/SS. Datasheet(HTML) 107 Page - Microchip Technology |
|
107 / 278 page ![]() 2011-2015 Microchip Technology Inc. DS40001586D-page 107 PIC16(L)F1507 TABLE 11-9: SUMMARY OF REGISTERS ASSOCIATED WITH PORTC REGISTER 11-15: ANSELC: PORTC ANALOG SELECT REGISTER R/W-1/1 R/W-1/1 U-0 U-0 R/W-1/1 R/W-1/1 R/W-1/1 R/W-1/1 ANSC7 ANSC6 — — ANSC3 ANSC2 ANSC1 ANSC0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7-6 ANSC<7:6> : Analog Select between Analog or Digital Function on pins RC<7:6>, respectively 1 = Analog input. Pin is assigned as analog input(1). Digital input buffer disabled. 0 = Digital I/O. Pin is assigned to port or digital special function. bit 5-4 Unimplemented: Read as ‘0’ bit 3-0 ANSC<3:0> : Analog Select between Analog or Digital Function on pins RC<3:0>, respectively 1 = Analog input. Pin is assigned as analog input(1). Digital input buffer disabled. 0 = Digital I/O. Pin is assigned to port or digital special function. Note 1: When setting a pin to an analog input, the corresponding TRIS bit must be set to Input mode in order to allow external control of the voltage on the pin. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page ANSELC ANSC7 ANSC6 — — ANSC3 ANSC2 ANSC1 ANSC0 107 LATC LATC7 LATC6 LATC5 LATC4 LATC3 LATC2 LATC1 LATC0 106 PORTC RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 106 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 106 Legend: x = unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |