Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1507-E/SS. Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 110Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 111Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 112Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 113Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 114Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 115Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 116Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 117Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 114
 2011-2015 Microchip Technology Inc.
13.3
Register Definitions: FVR Control
TABLE 13-2:
SUMMARY OF REGISTERS ASSOCIATED WITH THE FIXED VOLTAGE REFERENCE
REGISTER 13-1:
FVRCON: FIXED VOLTAGE REFERENCE CONTROL REGISTER
R/W-0/0
R-q/q
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
FVREN(1)
FVRRDY(2)
TSEN(3)
TSRNG(3)
ADFVR<1:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
FVREN:
Fixed Voltage Reference Enable bit(1)
1
= Fixed Voltage Reference is enabled
0
= Fixed Voltage Reference is disabled
bit 6
FVRRDY:
Fixed Voltage Reference Ready Flag bit(2)
1
= Fixed Voltage Reference output is ready for use
0
= Fixed Voltage Reference output is not ready or not enabled
bit 5
TSEN:
Temperature Indicator Enable bit(3)
1
= Temperature Indicator is enabled
0
= Temperature Indicator is disabled
bit 4
TSRNG:
Temperature Indicator Range Selection bit(3)
1
=VOUT = VDD - 4VT (High Range)
0
=VOUT = VDD - 2VT (Low Range)
bit 3-2
Unimplemented:
Read as ‘0’
bit 1-0
ADFVR<1:0>:
ADC FVR Buffer Gain Selection bit(1)
11
= ADC FVR Buffer Gain is 4x, with output voltage = 4x VFVR (4.096V nominal)(4)
10
= ADC FVR Buffer Gain is 2x, with output voltage = 2x VFVR (2.048V nominal)(4)
01
= ADC FVR Buffer Gain is 1x, with output voltage = 1x VFVR (1.024V nominal)
00
= ADC FVR Buffer is off
Note 1:
To minimize current consumption when the FVR is disabled, the FVR buffers should be turned off by clear-
ing the Buffer Gain Selection bits.
2:
FVRRDY is always ‘1’ for the PIC16F1507 devices.
3:
See Section 14.0 “Temperature Indicator Module” for additional information.
4:
Fixed Voltage Reference output cannot exceed VDD.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on page
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
ADFVR<1:0>
114
Legend:
Shaded cells are unused by the Fixed Voltage Reference module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com