Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1713 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16LF1713
Description  Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1713 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16LF1713 Datasheet HTML 17Page - Microchip Technology PIC16LF1713 Datasheet HTML 18Page - Microchip Technology PIC16LF1713 Datasheet HTML 19Page - Microchip Technology PIC16LF1713 Datasheet HTML 20Page - Microchip Technology PIC16LF1713 Datasheet HTML 21Page - Microchip Technology PIC16LF1713 Datasheet HTML 22Page - Microchip Technology PIC16LF1713 Datasheet HTML 23Page - Microchip Technology PIC16LF1713 Datasheet HTML 24Page - Microchip Technology PIC16LF1713 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 483 page
background image
 2014-2015 Microchip Technology Inc.
DS40001740B-page 21
PIC16(L)F1717/8/9
OUT(2)
C1OUT
CMOS Comparator 1 output.
C2OUT
CMOS Comparator 2 output.
CCP1
CMOS Compare/PWM1 output.
CCP2
CMOS Compare/PWM2 output.
NCO1OUT
CMOS Numerically controlled oscillator output.
PWM3OUT
CMOS PWM3 output.
PWM4OUT
CMOS PWM4 output.
COG1A
CMOS Complementary output generator output A.
COG1B
CMOS Complementary output generator output B.
COG1C
CMOS Complementary output generator output C.
COG1D
CMOS Complementary output generator output D.
SDA(3)
OD
I2C Data output.
SCK
CMOS SPI clock output.
SCL(3)
OD
I2C clock output.
SDO
CMOS SPI data output.
TX/CK
CMOS EUSART asynchronous TX data/synchronous clock out.
DT(3)
CMOS EUSART synchronous data output.
CLC1OUT
CMOS Configurable Logic Cell 1 output.
CLC2OUT
CMOS Configurable Logic Cell 2 output.
CLC3OUT
CMOS Configurable Logic Cell 3 output.
CLC4OUT
CMOS Configurable Logic Cell 4 output.
TABLE 1-3:
PIC16(L)F1717/9 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output CMOS= CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal levels
Note
1:
Default peripheral input. Alternate pins can be selected as the peripheral input with the PPS input selection registers.
2:
All pin digital outputs default to PORT latch data. Alternate outputs can be selected as the peripheral digital output with
the PPS output selection registers.
3:
These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com