Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1713 Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16LF1713
Description  Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1713 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16LF1713 Datasheet HTML 27Page - Microchip Technology PIC16LF1713 Datasheet HTML 28Page - Microchip Technology PIC16LF1713 Datasheet HTML 29Page - Microchip Technology PIC16LF1713 Datasheet HTML 30Page - Microchip Technology PIC16LF1713 Datasheet HTML 31Page - Microchip Technology PIC16LF1713 Datasheet HTML 32Page - Microchip Technology PIC16LF1713 Datasheet HTML 33Page - Microchip Technology PIC16LF1713 Datasheet HTML 34Page - Microchip Technology PIC16LF1713 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 483 page
background image
TABLE 3-4:
PIC16(L)F1717/9 MEMORY MAP (BANKS 0-7)
Legend:
= Unimplemented data memory locations, read as ‘0’.
Note
1:
Unimplemented on PIC16LF1717/8/9.
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
000h
Core Registers
(Table 3-2)
080h
Core Registers
(Table 3-2)
100h
Core Registers
(Table 3-2)
180h
Core Registers
(Table 3-2)
200h
Core Registers
(Table 3-2)
280h
Core Registers
(Table 3-2)
300h
Core Registers
(Table 3-2)
380h
Core Registers
(Table 3-2)
00Bh
08Bh
10Bh
18Bh
20Bh
28Bh
30Bh
38Bh
00Ch
PORTA
08Ch
TRISA
10Ch
LATA
18Ch
ANSELA
20Ch
WPUA
28Ch
ODCONA
30Ch
SLRCONA
38Ch
INLVLA
00Dh
PORTB
08Dh
TRISB
10Dh
LATB
18Dh
ANSELB
20Dh
WPUB
28Dh
ODCONB
30Dh
SLRCONB
38Dh
INLVLB
00Eh
PORTC
08Eh
TRISC
10Eh
LATC
18Eh
ANSELC
20Eh
WPUC
28Eh
ODCONC
30Eh
SLRCONC
38Eh
INLVLC
00Fh
PORTD
08Fh
TRISD
10Fh
LATD
18Fh
ANSELD
20Fh
WPUD
28Fh
ODCOND
30Fh
SLRCOND
38Fh
INLVLE
010h
PORTE
090h
TRISE
110h
LATE
190h
ANSELE
210h
WPUE
290h
ODCONE
310h
SLRCONE
390h
INLVLE
011h
PIR1
091h
PIE1
111h
CM1CON0
191h
PMADRL
211h
SSP1BUF
291h
CCPR1L
311h
—
391h
IOCAP
012h
PIR2
092h
PIE2
112h
CM1CON1
192h
PMADRH
212h
SSP1ADD
292h
CCPR1H
312h
—
392h
IOCAN
013h
PIR3
093h
PIE3
113h
CM2CON0
193h
PMDATL
213h
SSP1MSK
293h
CCP1CON
313h
—
393h
IOCAF
014h
—094h
—
114h
CM2CON1
194h
PMDATH
214h
SSP1STAT
294h
—
314h
—
394h
IOCBP
015h
TMR0
095h
OPTION_REG
115h
CMOUT
195h
PMCON1
215h
SSP1CON1
295h
—
315h
—
395h
IOCBN
016h
TMR1L
096h
PCON
116h
BORCON
196h
PMCON2
216h
SSP1CON2
296h
—
316h
—
396h
IOCBF
017h
TMR1H
097h
WDTCON
117h
FVRCON
197h
VREGCON(1)
217h
SSP1CON3
297h
—
317h
—
397h
IOCCP
018h
T1CON
098h
OSCTUNE
118h
DAC1CON0
198h
—218h
—
298h
CCPR2L
318h
—
398h
IOCCN
019h
T1GCON
099h
OSCCON
119h
DAC1CON1
199h
RC1REG
219h
—
299h
CCPR2H
319h
—
399h
IOCCF
01Ah
TMR2
09Ah
OSCSTAT
11Ah
DAC2CON0
19Ah
TX1REG
21Ah
—
29Ah
CCP2CON
31Ah
—39Ah
—
01Bh
PR2
09Bh
ADRESL
11Bh
DAC2CON1
19Bh
SP1BRGL
21Bh
—29Bh
—31Bh
—39Bh
—
01Ch
T2CON
09Ch
ADRESH
11Ch
ZCD1CON
19Ch
SP1BRGH
21Ch
—
29Ch
—
31Ch
—
39Ch
—
01Dh
—
09Dh
ADCON0
11Dh
—
19Dh
RC1STA
21Dh
—
29Dh
—
31Dh
—
39Dh
IOCEP
01Eh
—
09Eh
ADCON1
11Eh
—
19Eh
TX1STA
21Eh
—
29Eh
CCPTMRS
31Eh
—39Eh
IOCEN
01Fh
—
09Fh
ADCON2
11Fh
—
19Fh
BAUD1CON
21Fh
—29Fh
—31Fh
—39Fh
IOCEF
020h
General
Purpose
Register
80 Bytes
0A0h
General
Purpose
Register
80 Bytes
120h
General
Purpose
Register
80 Bytes
1A0h
General
Purpose
Register
80 Bytes
220h
General
Purpose
Register
80 Bytes
2A0h
General
Purpose
Register
80 Bytes
320h
General
Purpose
Register
80 Bytes
3A0h
General
Purpose
Register
80 Bytes
06Fh
0EFh
16Fh
1EFh
26Fh
2EFh
36Fh
3EFh
070h
Common RAM
70h – 7Fh
0F0h
Accesses
70h – 7Fh
170h
Accesses
70h – 7Fh
1F0h
Accesses
70h – 7Fh
270h
Accesses
70h – 7Fh
2F0h
Accesses
70h – 7Fh
370h
Accesses
70h – 7Fh
3F0h
Accesses
70h – 7Fh
07Fh
0FFh
17Fh
1FFh
27Fh
2FFh
37Fh
3FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com