Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1503-I/SL. Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 83Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 84Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 85Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 86Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 87Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 88Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 89Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 90Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 87
PIC16(L)F1503
FIGURE 10-6:
FLASH MEMORY WRITE FLOWCHART
Start
Write Operation
End
Write Operation
CPU stalls while Write
operation completes
(2 ms typical)
No delay when writing to
Program Memory Latches
Determine number of
words to be written into
Program or Configuration
Memory. The number of
words cannot exceed the
number of words per row
(word_cnt)
Last word to
write ?
Disable Interrupts
(GIE =
0)
Select
Program or Config.
Memory (CFGS)
Select Row Address
(PMADRH:PMADRL)
Select Write Operation
(FREE =
0)
Load Write Latches Only
(LWLO =
1)
Enable Write/Erase
Operation (WREN =
1)
Load the value to write
(PMDATH:PMDATL)
Update the word counter
(word_cnt--)
Unlock Sequence
(See Note 1)
Increment Address
(PMADRH:PMADRL++)
Write Latches to Flash
(LWLO =
0)
Unlock Sequence
(See Note 1)
Disable Write/Erase
Operation (WREN =
0)
Re-enable Interrupts
(GIE =
1)
Yes
No
Rev. 10-000049A
7/30/2013
Note 1:
See Figure 10-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com