Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1503-I/SL. Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 8Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 9Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 10Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 11Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 12Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 13Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 14Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 15Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 12
 2011-2015 Microchip Technology Inc.
2.1
Automatic Interrupt Context
Saving
During interrupts, certain registers are automatically
saved in shadow registers and restored when returning
from the interrupt. This saves stack space and user
code. See Section 7.5 “Automatic Context Saving”,
for more information.
2.2
16-Level Stack with Overflow and
Underflow
These devices have a hardware stack memory 15 bits
wide and 16 words deep. A Stack Overflow or Under-
flow will set the appropriate bit (STKOVF or STKUNF)
in the PCON register, and if enabled, will cause a soft-
ware Reset. See Section 3.5 “Stack” for more details.
2.3
File Select Registers
There are two 16-bit File Select Registers (FSR).
FSRs can access all file registers and program mem-
ory, which allows one Data Pointer for all memory.
When an FSR points to program memory, there is one
additional instruction cycle in instructions using INDF
to allow the data to be fetched. General purpose mem-
ory can now also be addressed linearly, providing the
ability to access contiguous data larger than 80 bytes.
There are also new instructions to support the FSRs.
See Section 3.6 “Indirect Addressing” for more
details.
2.4
Instruction Set
There are 49 instructions for the enhanced mid-range
CPU to support the features of the CPU. See Section
27.0 “Instruction Set Summary”
for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com