Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1503-I/SL. Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 110Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 111Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 112Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 113Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 114Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 115Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 116Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 117Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 114
 2011-2015 Microchip Technology Inc.
15.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
• Result formatting
15.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and
digital signals. When converting analog signals, the I/O
pin should be configured for analog by setting the
associated TRIS and ANSEL bits. Refer to Section
11.0 “I/O Ports”
for more information.
15.1.2
CHANNEL SELECTION
There are 11 channel selections available:
• AN<7:0> pins
• Temperature Indicator
• FVR_buffer1
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay (TACQ) is required
before starting the next conversion. Refer to Section
15.2.6 “ADC Conversion Procedure”
for more infor-
mation.
15.1.3
ADC VOLTAGE REFERENCE
The ADC module uses a positive and a negative
voltage reference. The positive reference is labeled
ref+ and the negative reference is labeled ref-.
The positive voltage reference (ref+) is selected by the
ADPREF bits in the ADCON1 register. The positive
voltage reference source can be:
•VREF+ pin
•VDD
The negative voltage reference (ref-) source is:
•VSS
15.1.4
CONVERSION CLOCK
The source of the conversion clock is software select-
able via the ADCS bits of the ADCON1 register. There
are seven possible clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
• FRC (internal RC oscillator)
The time to complete one bit conversion is defined as
TAD. One full 10-bit conversion requires 11.5 TAD
periods as shown in Figure 15-2.
For correct conversion, the appropriate TAD specifica-
tion must be met. Refer to the ADC conversion require-
ments in Section 28.0 “Electrical Specifications” for
more information. Table 15-1 gives examples of
appropriate ADC clock selections.
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com