Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1503-I/SL. Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 150Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 151Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 152Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 153Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 154Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 155Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 156Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 157Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 154
 2011-2015 Microchip Technology Inc.
21.0
MASTER SYNCHRONOUS
SERIAL PORT (MSSP)
MODULE
21.1
MSSP Module Overview
The Master Synchronous Serial Port (MSSPx) module
is a serial interface useful for communicating with other
peripheral or microcontroller devices. These peripheral
devices may be serial EEPROMs, shift registers, dis-
play drivers, A/D converters, etc. The MSSPx module
can operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C™)
The SPI interface supports the following modes and
features:
•Master mode
• Slave mode
• Clock Parity
• Slave Select Synchronization (Slave mode only)
• Daisy-chain connection of slave devices
Figure 21-1 is a block diagram of the SPI interface
module.
FIGURE 21-1:
MSSP BLOCK DIAGRAM (SPI MODE)
Read
Write
SSPxBUF
8
8
SSPxSR
8
Bit 0
Shift clock
SDI
SDO
Data bus
Control
Enable
2
(CKP, CKE)
clock select
Edge
enable
Edge
enable
SCK_out
Prescaler
4, 16, 64
(T2_match)
2
TOSC
Baud Rate
Generator
(SSPxADD)
TRIS bit
4
SSPM<3:0>
Rev. 10-000076A
12/16/2013
SSx
SDO_out
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com