Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3303 Datasheet(PDF) 5 Page - STMicroelectronics

Part # MC3303
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3303 Datasheet(HTML) 5 Page - STMicroelectronics

  MC3303 Datasheet HTML 1Page - STMicroelectronics MC3303 Datasheet HTML 2Page - STMicroelectronics MC3303 Datasheet HTML 3Page - STMicroelectronics MC3303 Datasheet HTML 4Page - STMicroelectronics MC3303 Datasheet HTML 5Page - STMicroelectronics MC3303 Datasheet HTML 6Page - STMicroelectronics MC3303 Datasheet HTML 7Page - STMicroelectronics MC3303 Datasheet HTML 8Page - STMicroelectronics MC3303 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC3303 - MC3403 - MC3503
5/10
CIRCUIT DESCRIPTION
The MC3403 is made using four internally com-
pensated, two-stage operational amplifiers. The
first stage of each consists of differential input de-
vices Q24 and Q22 with input buffer transistors
Q25 and Q21 and the differential to single ended
converter Q3 and Q4. The first stage performs not
only the first stage gain function but also performs
the level shifting and transonductance reduction
functions. By reducing the transconductance a
smaller compensation capacitor (only 8pF) can be
employed, thus saving chip area.
The transconductance reduction is accomplished
by splitting the collectors of Q24 and Q22. Another
feature of this input stage is that the input com-
mon-mode range can include the negative supply
fo ground, in single supply operation, without sat-
uration either the input devices or the differential
to single-ended converter.
The second stage consists of a standard current
source load amplifier stage. The output stage is
unique because it allows the output to swing to
ground in single supply operation and yet does not
exhibit any crossover distortion in split supply op-
erations. This is possible because class AB oper-
ation is utilized.
Each amplifier is biased from an internal voltage
regulator which has a low temperature coefficient
thus giving each amplifier good temperature char-
acteristics as well as excellent power supply rejec-
tion.
TYPICAL PERFORMANCE CURVES
APPLICATION INFORMATION
VOLTAGE REFERENCE
WIEN BRIDGE OSCILLATOR
20µs/div.
AV = 100
1/4
MC3403
VO
VCC
VCC
R1
10k
Ω
VO =
VCC
1
2
VO
R1
R1 + R2
VCC
=
R2
10k
Ω
50k
Ω
5k
Ω
10k
Ω
1/4
MC3403
VO
VCC
V(ref)
R
C
C
R
V(ref) = 1
2
VCC
f O =
1
2
π RC
For
f O = 1kHz
R = 16k
Ω
C = 0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com