Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3303 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MC3303
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3303 Datasheet(HTML) 1 Page - STMicroelectronics

  MC3303 Datasheet HTML 1Page - STMicroelectronics MC3303 Datasheet HTML 2Page - STMicroelectronics MC3303 Datasheet HTML 3Page - STMicroelectronics MC3303 Datasheet HTML 4Page - STMicroelectronics MC3303 Datasheet HTML 5Page - STMicroelectronics MC3303 Datasheet HTML 6Page - STMicroelectronics MC3303 Datasheet HTML 7Page - STMicroelectronics MC3303 Datasheet HTML 8Page - STMicroelectronics MC3303 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
s SHORT-CIRCUIT PROTECTED OUTPUTS
s CLASS AB OUTPUT STAGE FOR MINIMAL
CROSSOVER DISTORTION
s SINGLE SUPPLY OPERATION: +3V TO +36V
s DUAL SUPPLIES: ±15V TO ±18V
s LOW INPUT BIAS CURRENT: 500nA MAX
s INTERNALLY COMPENSATED
s SIMILAR PERFORMANCE TO POPULAR
UA741
DESCRIPTION
The MC3403 is a low-cost, quad operational am-
plifier with true differential inputs. The device has
electrical characteristics similar to the popular
UA741. However the MC3403, has several dis-
tinct advantages over standard operational ampli-
fiers types in single supply applications. The quad
amplifier can operate at supply voltage as low as 3
Volts or as high as 36 volts with quiescent currents
about one third of those associated with the
UA741 (on a per amplifier basis). The com-
mon-mode input range includes the negative sup-
ply, thereby eliminating the necessity for external
biasing components in many applications.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
ND
P
MC3303
-40°C, +105°C
••
•
MC3403
0°C, +70°C
••
•
MC3503
-55°C, +125°C
••
•
Example : MC3403N
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
P
TSSOP14
(Thin Shrink Small Outline Package)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
LOW POWER
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
MC3303
MC3403 - MC3503


Similar Part No. - MC3303

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
logo
Texas Instruments
MC3303 TI-MC3303 Datasheet
105Kb / 12P
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
MC3303 FAIRCHILD-MC3303 Datasheet
84Kb / 10P
Quad Operational Amplifier
logo
ON Semiconductor
MC3303 ONSEMI-MC3303 Datasheet
162Kb / 9P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
logo
Texas Instruments
MC3303 TI-MC3303 Datasheet
359Kb / 13P
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - MC3303

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
MC33174-MC35174 STMICROELECTRONICS-MC33174-MC35174 Datasheet
50Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Dec-1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2002
TEB4033 STMICROELECTRONICS-TEB4033 Datasheet
209Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM148 STMICROELECTRONICS-LM148_02 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
LM146 STMICROELECTRONICS-LM146_03 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
MC3303 STMICROELECTRONICS-MC3303_01 Datasheet
316Kb / 10P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-2001
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com